Electronic Components Datasheet Search
  English  ▼

X  

KVX2162 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # KVX2162
Description  SURFACE MOUNT VARACTOR DIODES Wide Bandwidth SOT-23 Hyperabrupt TM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

KVX2162 Datasheet(HTML) 2 Page - Microsemi Corporation

  KVX2162 Datasheet HTML 1Page - Microsemi Corporation KVX2162 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KVX2001 – KVX3901A
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
SURFACE MOUNT VARACTOR DIODES
Wide Bandwidth SOT-23 Hyperabrupt
TM
®
RoHS Compliant
20V Microwave Hyperabrupt Varactors
ELECTRICAL PARAMETERS @ 25
C (unless otherwise specified)
MODEL
NUMBER
VB (V)
IR = 10uA
(Min)
CT (pF)
1
VR = 0V
(Min)
CT (pF)
1
VR = 4V
(Min – Max)
CT (pF)
1
VR = 20V
(Min – Max)
Q
2
VR=4V
Copyright
 2007
Rev: 2009-02-02
(Min)
KVX2122
22
2.7
1.25 - 1.75
0.43 - 0.57
1000
KVX2132
22
4.2
1.7 - 2.5
0.52 – 0.72
850
KVX2142
22
6.3
2.2 - 3.8
0.68 - 0.96
700
KVX2152
22
11.9
3.7 - 5.5
0.94 - 1.3
600
KVX2162
22
26.0
9.0 - 11.0
1.9 - 2.5
400
25V VHF/UHF Hyperabrupt Varactors
ELECTRICAL PARAMETERS @ 25
C (unless otherwise specified)
MODEL
NUMBER
VB (V)
IR = 10uA
(Min)
CT (pF)
1
VR = 3V
(Min)
CT (pF)
1
VR = 25V
(Min – Max)
Q
2
VR=4V
(Min)
KVX31S1
27
9.5 - 14.5
1.8 - 2.8
200
KVX3201A
27
9.5 - 14.5
1.8 - 2.8
750
KVX38S2
27
26.0 – 32.0
4.3- 6.0
200
KVX3901A
27
26.0 – 32.0
4.3 - 6.0
500
20VHF/UHF Hyperabrupt Varactors
ELECTRICAL PARAMETERS @ 25
C (unless otherwise specified)
MODEL
NUMBER
VB (V)
IR = 10uA
(Min)
CT (pF)
1
VR = 4V
(Min)
CT (pF)
1
VR = 8V
(Min – Max)
CT (pF)
1
VR = 20V
(Min – Max)
Q
2
VR=4V
(Min)
KVX2001
22
18 - 22
7.5 - 10.5
3.1 - 3.9
160
KVX2201
22
45 - 55
18 - 25
7.3 - 9.2
125
KVX2301
22
100 - 120
39 - 55
15 - 19
80
1.
Capacitance is measured at ƒ = 1 MHz
2.
Q is determined at VR = 4V, ƒ = 50 MHz by
fRsCj
Q
2
/
1
PACKAGE STYLE 23-X
STANDARD CONFIGURATIONS
23-0
23-1
23-2
23-3
23-4
23-5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com