Electronic Components Datasheet Search
  English  ▼

X  

2N4261 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 2N4261
Description  PNP SMALL SIGNAL SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N4261 Datasheet(HTML) 3 Page - Microsemi Corporation

  2N4261 Datasheet HTML 1Page - Microsemi Corporation 2N4261 Datasheet HTML 2Page - Microsemi Corporation 2N4261 Datasheet HTML 3Page - Microsemi Corporation 2N4261 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
PNP SMALL SIGNAL SILICON TRANSISTOR
Qualified per MIL-PRF-19500/511
T4-LDS-0150 Rev. 1 (092064)
Page 3 of 4
PACKAGE DIMENSIONS
NOTES:
1
Dimension are in inches.
2
Millimeters are given for general information only.
3
Beyond r (radius) maximum, TH shall be held for a minimum length of .011 (0.28 mm).
4
Dimension TL measured from maximum HD.
5
Body contour optional within zone defined by HD, CD, and Q.
6
Leads at gauge plane .054 +.001 -.000 inch (1.37 +0.03 -0.00 mm) below seating plane shall be within .007 inch (0.18mm)
radius of true position (TP) at maximum material condition (MMC) relative to tab at MMC.
7
Dimension LU applies between L1 and L2. Dimension LD applies between L2 and LL minimum. Diameter is uncontrolled in
L1 and beyond LL minimum.
8
All four leads.
9
Dimension r (radius) applies to both inside corners of tab.
10 In accordance with ASME Y14.5M, diameters are equivalent to φx symbology.
11 Lead 1 = emitter, lead 2 = base, lead 3 = collector, lead 4 = case (electrically connected).
FIGURE 1. Physical dimensions for 2N4261 (TO-72).
Dimensions
Symbol
Inches
Millimeters
Notes
Min
Max
Min
Max
CD
.178
.195
4.52
4.95
5
CH
.170
.210
4.32
5.33
HD
.209
.230
5.31
5.84
5
LC
.100 TP
2.54 TP
7, 8
LD
.016
.021
.406
.533
7, 8
LL
.500
.750
12.70 19.05
7, 8
LU
.016
.019
.41
.48
L1
.050
1.27
L2
.250
6.35
P
.100
2.54
Q
.040
1.02
5
TL
.028
.048
.71
1.22
TW
.036
.046
.91
1.17
r
.007
.18
α
45° TP



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com