Electronic Components Datasheet Search
  English  ▼

X  

ADCLK944 Datasheet(PDF) 8 Page - Analog Devices

Part # ADCLK944
Description  2.5 V/3.3 V, Four LVPECL Outputs, SiGe Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK944 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADCLK944 Datasheet HTML 4Page - Analog Devices ADCLK944 Datasheet HTML 5Page - Analog Devices ADCLK944 Datasheet HTML 6Page - Analog Devices ADCLK944 Datasheet HTML 7Page - Analog Devices ADCLK944 Datasheet HTML 8Page - Analog Devices ADCLK944 Datasheet HTML 9Page - Analog Devices ADCLK944 Datasheet HTML 10Page - Analog Devices ADCLK944 Datasheet HTML 11Page - Analog Devices ADCLK944 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADCLK944
Rev. 0 | Page 8 of 12
20
0
2.375
2.500
2.625
2.970
3.300
3.630
160
140
120
80
100
40
60
POWER SUPPLY VOLTAGE (V)
–40°C
+25°C
+85°C
300
250
200
150
100
50
0
020
15
10
5
INPUT SLEW RATE (V/ns)
IVCC
IVEE
Figure 9. Power Supply Current vs. Power Supply Voltage and Temperature,
All Outputs Loaded (50 Ω to VCC − 2 V)
–90
–150
–140
–130
–120
–110
–100
–170
–160
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
ADCLK944
CLOCK SOURCE
Figure 10. Absolute Phase Noise Measured at 1 GHz with Agilent E5052B
Figure 11. Random Jitter vs. Input Slew Rate, VID Method



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com