Electronic Components Datasheet Search
  English  ▼

X  

LX6433 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX6433
Description  TM Precision Voltage Monitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX6433 Datasheet(HTML) 4 Page - Microsemi Corporation

  LX6433 Datasheet HTML 1Page - Microsemi Corporation LX6433 Datasheet HTML 2Page - Microsemi Corporation LX6433 Datasheet HTML 3Page - Microsemi Corporation LX6433 Datasheet HTML 4Page - Microsemi Corporation LX6433 Datasheet HTML 5Page - Microsemi Corporation LX6433 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PRODUCTION DATA SHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Copyright
© 2003
Rev. 1.1, 2009-02-11
LX6433
Precision Voltage Monitor
TM
®
FUNCTIO N AL DESCRIPTIO N
The LX6433 operates as a power supply monitor with a
threshold window of 1.085V to 1.125V (±1.8%) that
can be programmable using external resistors.
The
VMON pin is the input to the internal comparator and
VIN is the power source for the IC. The RESET pin is
an open drain, with active low logic. An external pull-
up resistor can be used if the device (ASIC) driven
does not provide this feature.
As VMON ramps upwards from zero, RESET is held
low until VMON exceeds the threshold, this starts an
internal 100ms timer which continues to hold RESET
low for that interval. As long as VMON remains above
the threshold level and the 100ms timer has completed
the cycle, RESET remains high (high impedance state).
If a transient of less than 10uS interrupts VMON
causing a drop below the threshold the LX6433 will
ignore the event.
If VMON does drop below the
threshold for greater than 12µS the RESET will remain
low until VMON recovers above the threshold and the
RESET time pulse has been timed out (100ms).
PACK AG E DI MEN S IONS
SE
5 Pin Plastic SOT-23
H
G
F
E
A1
J
I
C
K
A
B
D
Note:
1. Controlled dimensions are in mm, inches are for
reference only.
2. Dimensions do not include mold flash or protrusions;
these shall not exceed 0.155mm (.006”) on any side.
Lead dimension shall not include solder coverage
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
0.90
1.30
0.035
0.051
A1
0.90
1.45
0.035
0.057
B
0.25
0.50
0.010
0.020
C
0.09
0.20
0.004
0.008
D
2.80
3.10
0.110
0.122
E
1.50
1.75
0.059
0.069
F
0.95 BSC
0.038 BSC
G
1.90 BSC
0.075 BSC
H
2.60
3.00
0.102
0.118
I
0.35
0.55
0.014
0.022
J
0.00
0.15
0.000
0.006
K
10° MAX
10° MAX



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com