Electronic Components Datasheet Search
  English  ▼

X  

MDS150 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MDS150
Description  150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MDS150 Datasheet(HTML) 1 Page - Microsemi Corporation

  MDS150 Datasheet HTML 1Page - Microsemi Corporation MDS150 Datasheet HTML 2Page - Microsemi Corporation MDS150 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein. Visit
our web site at www.microsemi.com or contact our factory direct.
MDS150
150 Watts, 50 Volts, Pulsed
Avionics 1030 - 1090 MHz
GENERAL DESCRIPTION
The MDS150 is a high power COMMON BASE bipolar transistor.
It is
designed for MODE-S systems in the 1030 - 1090 MHz frequency band. The
transistor includes input prematch for broadband performance. The device has
gold thin-film metallization and diffused ballasting in a hermetically sealed
package for proven highest MTTF.
CASE OUTLINE
55AW Style 1
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation
Device Dissipation @25
°C1
350 W
Maximum Voltage and Current
Collector to Emitter Voltage (BVces)
60 V
Emitter to Base Voltage (BVebo)
3.5 V
Peak Collector Current (Ic)
4 A
Maximum Temperatures
Storage Temperature
-65 to +150
°C
Operating Junction Temperature
+200
°C
ELECTRICAL CHARACTERISTICS @ 25
°C
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Power Out
150
W
Pin
Power Input
20
W
Pg
Power Gain
10
dB
η
c
Collector Efficiency
F = 1030, 1090 MHz
Vcc = 50 Volts
PW = Note 2
DF = Note 2
34
%
VSWR
1
Load Mismatch Tolerance
3:1
Pd
1
Pulse Droop
0.5
dB
Trise
1
Rise Time
100
nSec
FUNCTIONAL CHARACTERISTICS @ 25
°C
BVebo
Emitter to Base Breakdown
Ie = 5 mA
3.5
V
BVces
Collector to Emitter Breakdown
Ic = 25 mA
60
V
BVcbo
Collector to Base Breakdown
Ic = 25 mA
60
V
hFE
DC – Current Gain
Vce = 5V, Ic = 500 mA
20
θjc1
Thermal Resistance
0.5
°C/W
NOTE 1: AT RATED OUTPUT POWER AND PULSE CONDITIONS
NOTE 2: Burst: 0.5uS ON, 0.5uS OFF x 120, repeated every 6.4mS
Initial Release - August 2007 Rev. A


Similar Part No. - MDS150

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MDS150 MICROSEMI-MDS150 Datasheet
216Kb / 3P
150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Nanjing International G...
MDS150 DGNJDZ-MDS150 Datasheet
583Kb / 2P
Glass Passivated Three Phase Rectifier Bridge
logo
Insel Rectifier India P...
MDS150 IRI-MDS150 Datasheet
918Kb / 3P
THREE PHASE BRIDGE MODULE
logo
Shenzhen Luguang Electr...
MDS150 LUGUANG-MDS150 Datasheet
1Mb / 1P
Single-phase/Three-phase bridge rectifier modules
logo
GeneSiC Semiconductor, ...
MDS150-08 GENESIC-MDS150-08 Datasheet
444Kb / 3P
High Surge Capability
More results

Similar Description - MDS150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TPR400 ETC-TPR400 Datasheet
271Kb / 3P
400 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Advanced Power Technolo...
10502 ADPOW-10502 Datasheet
866Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
logo
GHz Technology
TPR500A GHZTECH-TPR500A Datasheet
274Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Microsemi Corporation
10502 MICROSEMI-10502 Datasheet
141Kb / 4P
500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
MDS60L MICROSEMI-MDS60L Datasheet
70Kb / 4P
60 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
TPR400A MICROSEMI-TPR400A Datasheet
149Kb / 4P
400 Watts, 50 Volts, Pulsed Avionics 1030-1090 MHz
10502 MICROSEMI-10502_10 Datasheet
86Kb / 4P
500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
MDS150 MICROSEMI-MDS150_10 Datasheet
216Kb / 3P
150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
MDS500L MICROSEMI-MDS500L_08 Datasheet
194Kb / 4P
500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
New Jersey Semi-Conduct...
TPR175 NJSEMI-TPR175 Datasheet
86Kb / 1P
175 Watts, 50 Volts, Pulsed Avionics 1030-1090 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com