Electronic Components Datasheet Search
  English  ▼

X  

MDU1020 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MDU1020
Description  PLANAR TRANSCEIVERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MDU1020 Datasheet(HTML) 2 Page - Microsemi Corporation

  MDU1020 Datasheet HTML 1Page - Microsemi Corporation MDU1020 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MDU1020 Series
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
PLANAR TRANSCEIVERS
Fixed Frequency
TM
®
Copyright
 2008
Rev: 2009-02-10
Operation
The basic principle of operation consists of detecting the frequency shift between a transmitted and a received
signal reflected back from a moving object within the field of view of the unit.
The unit produces a low level output signal which can be amplified and processed to provide an audible or
visual alarm signal and employs low cost surface mount manufacturing techniques which are field proven as
being rugged and reliable.
Electrical Characteristics
Transmitter
Frequency
:
see table
Frequency Setting Accuracy
:
3MHz
Power Output (Min.)
:
13dBm EIRP
Operating Voltage
:
+5V
±0.25V
Operating Current (CW)
:
60mA max.
:
40mA typ.
Harmonic Emissions
:
< -7dBm
Pulse Mode Operation
Average Current (5% DC)
:
2mA typ.
Pulse Width (Min.)
:
5µSec
Duty Cycle (Min.)
:
1%
Receiver
Sensitivity (10dB S/N ratio)
:
-86dBm
Noise
:
10µV
(Both in 3Hz to 80Hz bandwidth)
Antenna
Gain
:
8dBi
-3dB Beamwidth
E Plane
:
72º
H Plane
:
36º
Mechanical Characteristics
Weight
:
see table
Tab Connections
:
0.1” spacing
Environmental Characteristics
Power/Temp. Coefficient
(over operating temp. range) :
3dB
Frequency/Temp. Coefficient
(over operating temp. range) :
6.5MHz
Operating Temperature
:
-10ºC to +55ºC
Storage Temperature
:
-30ºC to +70ºC
NOTES
Detection range is dependent on size and reflectivity of
target and S/N ratio
Doppler shift at 10.687GHz is 31Hz/m.p.h.
Unit functions over -30ºC to +70ºC but harmonics may
exceed specified levels.
Model
Application
Order Code
Frequency
Weight
Comments
MDU1020
USA, Canada
etc.
C900505
C900503
C900506
10.515GHz
10.525Ghz
10.535GHz
80 grams
USA FCC Part 15 Indoors
Metal Housing
MDU1020
USA, Canada
etc.
C900605
C900603
C900606
10.515GHz
10.525Ghz
10.535GHz
15 grams
USA FCC Part 15 Indoors
Plastic Housing



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com