Electronic Components Datasheet Search
  English  ▼

X  

SS8050 Datasheet(PDF) 1 Page - Wing Shing Computer Components

Part # SS8050
Description  TRANSISTOR (NPN)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

SS8050 Datasheet(HTML) 1 Page - Wing Shing Computer Components

  SS8050 Datasheet HTML 1Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
  
  

  
      !    "    #$%&'
   (()  )*
       !'    
   (()+$  ,(-
    . /0   .
                !
 

     




      

    


     
!  " 
#$

   

    
$

      

   "  
!
 
      

#  "  
!
 
   

$  "   
!
 
% 
"
&$
'
    
% 
"&

    
( 
&"&
!$
  
   
( 
&"&
!#
  
   

!$
!)
  
   
1
"  $
1%20%*
+
%*
    "#  "  
 
,
-
 
&$.)
#.#
).'
 
     
        

" $
 

 
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com
SS8050
TRANSISTOR (NPN)


Similar Part No. - SS8050

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS8050 FAIRCHILD-SS8050 Datasheet
41Kb / 4P
2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
logo
Weitron Technology
SS8050 WEITRON-SS8050 Datasheet
223Kb / 4P
NPN General Purpose Transistors
logo
Fairchild Semiconductor
SS8050 FAIRCHILD-SS8050 Datasheet
43Kb / 4P
2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
logo
Galaxy Semi-Conductor H...
SS8050 BILIN-SS8050 Datasheet
194Kb / 4P
Silicon Epitaxial Planar Transistor
logo
Daya Electric Group Co....
SS8050 DAYA-SS8050 Datasheet
620Kb / 1P
TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - SS8050

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com