Electronic Components Datasheet Search
  English  ▼

X  

BD9853AFV Datasheet(PDF) 16 Page - Rohm

Part # BD9853AFV
Description  Single/Dual-output High-frequency Step-down Switching Regulato (Controller type)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9853AFV Datasheet(HTML) 16 Page - Rohm

Back Button BD9853AFV Datasheet HTML 9Page - Rohm BD9853AFV Datasheet HTML 10Page - Rohm BD9853AFV Datasheet HTML 11Page - Rohm BD9853AFV Datasheet HTML 12Page - Rohm BD9853AFV Datasheet HTML 13Page - Rohm BD9853AFV Datasheet HTML 14Page - Rohm BD9853AFV Datasheet HTML 15Page - Rohm BD9853AFV Datasheet HTML 16Page - Rohm BD9853AFV Datasheet HTML 17Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
BD9853AFV
Technical Note
16/16
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●
Ordering part number
B
D
9
8
5
3
A
F
V
-
E
2
Part No.
Part No.
Package
FV: SSOP-B16
Packaging and forming specification
E2: Embossed tape and reel
(Unit : mm)
SSOP-B16
9
8
16
1
0.65
5.0
±0.2
0.22
±0.1
0.15
±0.1
0.1
∗Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
2500pcs
E2
()
Direction of feed
Reel
1pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com