Electronic Components Datasheet Search
  English  ▼

X  

MS1202 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MS1202
Description  RF & MICROWAVE TRANSISTORS FM MOBILE APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS1202 Datasheet(HTML) 1 Page - Microsemi Corporation

  MS1202 Datasheet HTML 1Page - Microsemi Corporation MS1202 Datasheet HTML 2Page - Microsemi Corporation MS1202 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MS1202
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Visit our web site at www.microsemi.com or contact our factory direct.
DESCRIPTION:
The MS1202 is a epitaxial silicon NPN transistor designed for 12.5 volt
class C applications in the 118 – 136 MHz frequency band and 28 volt FM
ground station applications. Gold metalization and emitter ballast
resistors provide long term product ruggedness and reliability.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C)
Symbol
Parameter
Value
Unit
VCBO
Collector - Base Voltage
65
V
VCEO
Collector - Emitter Voltage
35
V
VEBO
Emitter - Base Voltage
4.0
V
PDISS
Device Dissipation
15
W
TJ
Junction Temperature
200
°C
IC
Device Current
1.0
A
TSTG
Storage Temperature
-65 to +200
ºC
Thermal Data
RTH(J-C)
Thermal Resistance Junction-case
11.7
°C/W
Rev A January 2009
Features
• 175 MHz
• 12.5 VOLTS
• P
OUT = 7.0 W
• G
P = 8.4 dB MINIMUM
• COMMON EMITTER CONFIGURATION
RF & MICROWAVE TRANSISTORS
FM MOBILE APPLICATIONS


Similar Part No. - MS1202

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
MS1202 CIT-MS1202 Datasheet
121Kb / 1P
CIT SWITCH
MS1202L4 CIT-MS1202L4 Datasheet
121Kb / 1P
CIT SWITCH
MS1202L6 CIT-MS1202L6 Datasheet
121Kb / 1P
CIT SWITCH
More results

Similar Description - MS1202

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1457 STMICROELECTRONICS-SD1457 Datasheet
61Kb / 5P
RF & MICROWAVE TRANSISTORS FM BROADCAST APPLICATIONS
Nov-1992
logo
Microsemi Corporation
SD1272-2 MICROSEMI-SD1272-2 Datasheet
427Kb / 4P
RF & MICROWAVE TRANSISTORS 130-230 MHz FM MOBILE APPLICATIONS
logo
Advanced Power Technolo...
MS1406 ADPOW-MS1406 Datasheet
124Kb / 3P
RF & MICROWAVE TRANSISTORS FM MOBILE APPLICATIONS
SD1013 ADPOW-SD1013 Datasheet
113Kb / 4P
RF & MICROWAVE TRANSISTORS VHF FM MOBILE APPLICATIONS
logo
Microsemi Corporation
2N5589 MICROSEMI-2N5589 Datasheet
620Kb / 5P
RF & MICROWAVE TRANSISTORS 130...230MHz FM MOBILE APPLICATIONS
SD1272 MICROSEMI-SD1272 Datasheet
603Kb / 5P
RF & MICROWAVE TRANSISTORS 130...230MHz FM MOBILE APPLICATIONS
logo
Advanced Power Technolo...
SD1018 ADPOW-SD1018 Datasheet
89Kb / 3P
RF AND MICROWAVE TRANSISTORS VHF AND FM MOBILE APPLICATIONS
SD1127 ADPOW-SD1127 Datasheet
72Kb / 3P
RF & MICROWAVE TRANSISTORS VHF FM MOBILE APPLICATIONS
logo
Microsemi Corporation
SD1018-06 MICROSEMI-SD1018-06 Datasheet
108Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF AND FM MOBILE APPLICATIONS
logo
New Jersey Semi-Conduct...
SD1127 NJSEMI-SD1127 Datasheet
87Kb / 3P
RF & MICROWAVE TRANSISTORS VHP FM MOBILE APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com