Electronic Components Datasheet Search
  English  ▼

X  

MS1642P Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MS1642P
Description  RF & MICROWAVE TRANSISTORS VHF, UHF GENERAL PURPOSE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS1642P Datasheet(HTML) 2 Page - Microsemi Corporation

  MS1642P Datasheet HTML 1Page - Microsemi Corporation MS1642P Datasheet HTML 2Page - Microsemi Corporation MS1642P Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MS1642P
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Visit our web site at www.microsemi.com or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25°C)
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Bvceo
IC = 20 mA
IE = 0 mA
33
---
---
V
Bvces
IC= 20 mA
IC = 0 mA
60
---
---
V
Bvcbo
IC = 20 mA
IE = 0 mA
60
---
---
V
Bvebo
IE= 2.0 mA
IC = 0 mA
4.0
---
---
V
Icbo
VCB = 30 V
---
---
1.0
mA
HFE
VCE = 5 V
IC = 500 mA
20
---
100
---
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
PIN
f =400MHz
POUT = 10W
VCC = 28V
---
---
0.65
W
GP
f =400MHz
Pout = 10W
VCC =28V
12
---
---
dB
η
C
f =400MHz
Pout = 10W
VCC =28V
50
---
---
%
COB
f =1 MHz
VCB =28V
---
---
12
pF
Rev B January 2009



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com