Electronic Components Datasheet Search
  English  ▼

X  

BD37511FS Datasheet(PDF) 1 Page - Rohm

Part # BD37511FS
Description  Silicon Monolithic Integrated Circuit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD37511FS Datasheet(HTML) 1 Page - Rohm

  BD37511FS Datasheet HTML 1Page - Rohm BD37511FS Datasheet HTML 2Page - Rohm BD37511FS Datasheet HTML 3Page - Rohm BD37511FS Datasheet HTML 4Page - Rohm BD37511FS Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
REV. A
Structure
:
Silicon Monolithic Integrated Circuit
Product
:
Sound Processor for car audio
Type
:
BD37511FS
Package
:
SSOP-A20
●Feature
1. Reduce switching noise of mute, main volume, fader volume, bass, and treble by using advanced switch circuit
[Possible to control all steps]
2. Decrease the number of external components by built-in 2-band equalizer filter.
And, possible to control Gv of 2-band equalizer by I
2C BUS control.
3. It is possible for the bass, treble to the gain adjustment quantity of ±20dB and 1 dB step gain adjustment.
4. Bi-CMOS process is suitable for the design of low current and low energy. And it provides more quality for small
scale regulator and heat in a set.
5. Package is SSOP-A20. Putting input-terminals together and output-terminals together can make PCB layout
easier and can makes area of PCB smaller.)
6. It is possible to control by 3.3V / 5V for I
2C BUS.
●Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Limits
Unit
Power supply Voltage
VCC
10.0
V
Input voltage
VIN
VCC+0.3~GND-0.3
V
Power Dissipation
Pd
940
※1mW
Storage Temperature
Tastg
-55~+150
℃
※1 At Ta=25°C or higher, this value is decreaced to 7.5mW/°C
When Rohm standard board is mounted.
Rohm standard board:
Size:70×70×1.6(mm
3)
material:FR4 glass-epoxy substrate (copper foil area: not more than 3%).
●Operating Range
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power supply Voltage
VCC
7.0
-
9.5
V
Temperature
Topr
-40
-
+85
℃
※Design against radiation-proof isn’t made.


Similar Part No. - BD37511FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37511FS ROHM-BD37511FS Datasheet
2Mb / 30P
Sound Processor with Built-in 2-band Equalizer
BD37511FS-E2 ROHM-BD37511FS-E2 Datasheet
2Mb / 30P
Sound Processor with Built-in 2-band Equalizer
BD37511FS ROHM-BD37511FS_15 Datasheet
2Mb / 30P
Sound Processor with Built-in 2-band Equalizer
More results

Similar Description - BD37511FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3485FS ROHM-BD3485FS Datasheet
331Kb / 6P
Silicon Monolithic Integrated Circuit
BD3538F ROHM-BD3538F Datasheet
373Kb / 6P
Silicon Monolithic Integrated Circuit
BD3538HFN ROHM-BD3538HFN Datasheet
383Kb / 6P
Silicon Monolithic Integrated Circuit
BD6081GU ROHM-BD6081GU_1 Datasheet
336Kb / 5P
Silicon Monolithic Integrated Circuit
BD6586MUV ROHM-BD6586MUV Datasheet
154Kb / 5P
Silicon Monolithic Integrated Circuit
BD6736FV ROHM-BD6736FV Datasheet
203Kb / 5P
Silicon Monolithic Integrated Circuit
BD6962FVM ROHM-BD6962FVM Datasheet
274Kb / 4P
Silicon Monolithic Integrated Circuit
BD9215AFV ROHM-BD9215AFV Datasheet
184Kb / 5P
Silicon Monolithic Integrated Circuit
BD9240FV ROHM-BD9240FV Datasheet
169Kb / 5P
Silicon Monolithic Integrated Circuit
BD9244AFV ROHM-BD9244AFV Datasheet
192Kb / 5P
Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com