Electronic Components Datasheet Search
  English  ▼

X  

TIP142 Datasheet(PDF) 2 Page - Wing Shing Computer Components

Part # TIP142
Description  NPN EPITAXIAL SILICON DARLINGTON TRANSISTOR(HIGH DC CURRENT GAIN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

TIP142 Datasheet(HTML) 2 Page - Wing Shing Computer Components

  TIP142 Datasheet HTML 1Page - Wing Shing Computer Components TIP142 Datasheet HTML 2Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Characterristic
Symbol
Test Condition
Min
Typ
Max
Unit
Collector Emitter Sustaining Voltage :TIP140
:TIP141
:TIP142
Collector Cutoff Current
:TIP140
:TIP141
:TIP142
Collector Cutoff Current
:TIP140
:TIP141
:TIP142
Emitter Cutoff Current
DC Current Gain
Collector- Emitter Saturation Voltage
Base- Emitter Saturation Voltage
Base- Emitter On Voltage
Delay Time
Rise
Time
Storage Time
Fall
Time
VCEO(SUS)
ICEO
ICBO
IEBO
hFE
VCE(sat)
VBE(sat)
VBE(on)
td
tr
ts
tf
IC=30mA,
IB=0
VCE= 30V ,
IB=0
VCE= 40V ,
IB=0
VCE= 50V ,
IB=0
VCB= 60V , IE=0
VCB= 80V , IE=0
VCB= 100V , IE=0
VEB= 5V ,
IC=0
VCE= 4V ,
IC=5A
VCE= 4V ,
IC=10A
IC=5A ,
IB=10mA
IC=10A ,
IB=40mA
IC=10A ,
IB=40mA
VCE= 4V ,
IC=10A
VCC= 30V ,
IC=5A
IB=20mA
IB1= IB2
60
80
100
1000
500
0.15
0.55
2.5
2.5
2
2
2
1
1
1
2
2
3
3.5
3
V
V
V
mA
mA
mA
mA
mA
mA
mA
V
V
V
V
µS
µS
µS
µS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com