Electronic Components Datasheet Search
  English  ▼

X  

MS2553C Datasheet(PDF) 4 Page - Microsemi Corporation

Part # MS2553C
Description  35 Watts, 50 Volts Pulsed Avionics 1025 to 1150 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS2553C Datasheet(HTML) 4 Page - Microsemi Corporation

  MS2553C Datasheet HTML 1Page - Microsemi Corporation MS2553C Datasheet HTML 2Page - Microsemi Corporation MS2553C Datasheet HTML 3Page - Microsemi Corporation MS2553C Datasheet HTML 4Page - Microsemi Corporation MS2553C Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Visit our web site at www.microsemi.com or contact our factory direct.
MS2553C
Typical Impedance Values
DUT
ZS
ZL
Frequency (MHz)
ZS (?S)
ZL (?S)
1025
6.3 – j15.4
6.6 + j2.0
1090
5.6 – j14.5
7.6 + j2.6
1150
5.1 – j13.8
8.6 + j2.7
* VCC = 50V, PIN = 3.2W
* Pulse Format: 10µs, 1% Long Term Duty Factor
Input
Matching
Network
Output
Matching
Network



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com