Electronic Components Datasheet Search
  English  ▼

X  

TIP31C Datasheet(PDF) 1 Page - Wing Shing Computer Components

Part # TIP31C
Description  Silicon Epitaxial Planar Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

TIP31C Datasheet(HTML) 1 Page - Wing Shing Computer Components

  TIP31C Datasheet HTML 1Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GENERAL DESCRIPTION
Complementary, high power transistors in a plastic
envelope, primarily for use in audio and general
purpose
QUICK REFERENCE DATA
LIMITING VALUES
SYMBOL
PARAMETER
CONDITIONS
TYP
MAX
UNIT
VCBO
Collector-emitter voltage peak value
VBE = 0V
-
100
V
VCEO
Collector-emitter voltage (open base)
-
100
V
IC
Collector current (DC)
-
3A
ICM
Collector current peak value
-
5A
Ptot
Total power dissipation
Tmb
25
-
40
W
VCEsat
Collector-emitter saturation voltage
IC = 3A; IB =0.4A
-
1.2
V
VF
Diode forward voltage
IF = 3A
1.5
2.0
V
tf
Fall time
ICsat = 3.0A; f = 16KHz
0.5
-
s
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCESM
Collector-emitter voltage peak value
VBE = 0V
-
100
V
VCEO
Collector-emitter voltage (open base)
-
100
V
VEBO
Emitter-base oltage (open colloctor)
5
v
IC
Collector current (DC)
-
3
A
IB
Base current (DC)
-
1
A
Ptot
Total power dissipation
Tmb
25
-40
W
Tstg
Storage temperature
-55
150
Tj
Junction temperature
-
150
SYMBOL
PARAMETER
CONDITIONS
TYP
MAX
UNIT
ICBO
Collector-base cut-off current
VCB=100V
-
0.2
mA
IEBO
Emitter-base cut-off current
VEB=5V
-
1.0
mA
V(BR)CEO
Collector-emitter breakdown voltage
IC=1mA
100
v
VCEsat
Collector-emitter saturation voltages
IC = 3A; IB = 0.4A
-
1.2
V
hFE
DC current gain
IC = 1A; VCE = 5V
25
fT
Transition frequency at f = 5MHz
IC = 0.5A; VCE = 10V
3.0
-
MHz
Cc
Collector capacitance at f = 1MHz
VCB = 10V
85
-
pF
ton
On times
IC=3A,IB1=-IB2=0.3A,VCC=30V
0.4
us
ts
Tum-off storage time
IC=3A,IB1=-IB2=0.3A,VCC=30V
1.0
us
tf
Fall time
IC=3A,IB1=-IB2=0.3A,VCC=30V
0.5
1.0
us
ELECTRICAL CHARACTERISTICS
TO-220
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com
TIP31C/TIP32C
Silicon Epitaxial Planar Transistor


Similar Part No. - TIP31C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP31C MOSPEC-TIP31C Datasheet
192Kb / 4P
POWER TRANSISTORS(3A,40-100V,40W)
logo
Motorola, Inc
TIP31C MOTOROLA-TIP31C Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
logo
ON Semiconductor
TIP31C ONSEMI-TIP31C Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
REV 1
logo
Power Innovations Ltd
TIP31C POINN-TIP31C Datasheet
86Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP31C STMICROELECTRONICS-TIP31C Datasheet
64Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
Oct-1999
More results

Similar Description - TIP31C

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT4403 CDIL-CMBT4403 Datasheet
132Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SA1037 BILIN-2SA1037 Datasheet
310Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC3356W BILIN-2SC3356W Datasheet
164Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4081W BILIN-2SC4081W Datasheet
217Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4097W BILIN-2SC4097W Datasheet
133Kb / 3P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4177W BILIN-2SC4177W Datasheet
271Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SD596 BILIN-2SD596 Datasheet
264Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
KTA1298 BILIN-KTA1298 Datasheet
216Kb / 4P
Silicon Epitaxial Planar Transistor
SS8050W BILIN-SS8050W Datasheet
160Kb / 4P
Silicon Epitaxial Planar Transistor
STD123 BILIN-STD123 Datasheet
268Kb / 4P
Silicon Epitaxial Planar Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com