Electronic Components Datasheet Search
  English  ▼

X  

BD37524FS Datasheet(PDF) 2 Page - Rohm

Part # BD37524FS
Description  Silicon Monolithic Integrated Circuit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD37524FS Datasheet(HTML) 2 Page - Rohm

  BD37524FS Datasheet HTML 1Page - Rohm BD37524FS Datasheet HTML 2Page - Rohm BD37524FS Datasheet HTML 3Page - Rohm BD37524FS Datasheet HTML 4Page - Rohm BD37524FS Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
REV. A
●Function
Function
Specifications
Input selector
Stereo 4 single-end input and 1differential input
Input gain
0~20dB (1dB step), Possible to use “Advanced switch” for prevention of switching noise
Mute
Possible to use “Advanced switch” for prevention of switching noise.
Volume
+15dB~-79dB (1dB step), -∞dB
Possible to use “Advanced switch” for prevention of switching noise.
Bass
-20~+20dB (1dB step), Q=0.5, 1, 1.5, 2, fo=60, 80, 100, 120Hz
Possible to use advanced switch at changing gain
Middle
-20~+20dB (1dB step), Q=0.75, 1, 1.25, 1.5, fo=500, 1k, 1.5k 2.5kHz
Possible to use advanced switch at changing gain
Treble
-20~+20dB (1dB step), Q=0.75, 1.25, fo=7.5k, 10k, 12.5k, 15kHz
Possible to use advanced switch at changing gain
Fader
+15dB~-79dB (1dB step), -∞dB
Possible to use “Advanced switch” for prevention of switching noise.
Loudness
0dB~20dB (1dB step), fo=250/400/800Hz
Possible to use “Advanced switch” for prevention of switching noise.
LPF
fc=55/85/120/160Hz, pass
Phase shift ( 0°/180°)
Level meter
I2C BUS control
DC Output
●Electrical Characteristic
(Unless specified particularly, Ta=25℃, VCC=8.5V, f=1kHz, Vin=1Vrms, Rg=600Ω, RL=10kΩ, A input,
Input gain 0dB, Mute OFF, Volume 0dB, Tone control 0dB, Loudness 0dB, Fader 0dB, LPF OFF)
Item
Symbol
Limit
Unit
Condition
Min.
Typ.
Max.
Current upon no signal
IQ
-
38
48
mA
No signal
Voltage gain
GV
-1.5
0
1.5
dB
Gv=20log(VOUT/VIN)
Channel balance
CB
-1.5
0
1.5
dB
CB = GV1-GV2
Total harmonic distortion 1
(FRONT,REAR)
THD+N1
-
0.001
0.05
%
VOUT=1Vrms
BW=400-30KHz
Total harmonic distortion 2
(SUBWOOFER)
THD+N2
-
0.002
0.05
%
VOUT=1Vrms
BW=400-30KHz
Output noise voltage 1
(FRONT,REAR)
VNO1
-
3.8
15
μVrms
Rg = 0Ω
BW = IHF-A
Output noise voltage 2
(SUBWOOFER)
VNO2
-
4.8
15
μVrms
Rg = 0Ω
BW = IHF-A
Residual output noise voltage
VNOR
-
1.8
10
μVrms
Fader=-∞dB
Rg=0Ω
BW=IHF-A
Cross-talk between channels
CTC
-
-100
-90
dB
Rg=0Ω
CTC=20log(VOUT/VIN)
BW=IHF-A
Ripple rejection
RR
-
-70
-40
dB
f=100Hz
VRR=100mVrms
RR=20log(VOUT/VCCIN)
Common mode rejection ratio
CMRR
50
65
-
dB
CP1 and CN input
CP2 and CN input
CMRR=20log(VIN/VOUT)
BW = IHF-A
Maximum input voltage
VIM
2.1
2.3
-
Vrms
VIM at THD+N(VOUT)=1%
BW=400-30kHz
Maximum gain
GV MAX
13
15
17
dB
Volume = 15dB
VIN=100mVrms
Gv=20log(VOUT/VIN)
Maximum attenuation
GV MIN
-
-100
-85
dB
Volume=-∞dB
Gf=20log(VOUT/VIN)
BW=IHF-A
Maximum output voltage
VOM
2.0
2.2
-
Vrms
THD+N=1%
BW=400-30kHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com