Electronic Components Datasheet Search
  English  ▼

X  

MV30004 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MV30004
Description  GaAs Varactor Diodes Hyperabrupt
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MV30004 Datasheet(HTML) 1 Page - Microsemi Corporation

  MV30004 Datasheet HTML 1Page - Microsemi Corporation MV30004 Datasheet HTML 2Page - Microsemi Corporation MV30004 Datasheet HTML 3Page - Microsemi Corporation MV30004 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MV30011 – MV34010
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page
1
GaAs Varactor Diodes
Hyperabrupt
TM
®
Copyright
 2008
Rev: 2009-05-11
Features
●
High Q Values for Higher Frequency Performance
●
Large Tuning Ratios
●
Low Reverse Current
●
Gamma Values to 1.5
●
Available as Bondable Chips and as
Packaged Diodes
●
Available in Chip-on-Board Packaging
●
Custom Designs Available
Applications
●
VCOs
●
Phase-Locked Oscillators
●
High Q Tunable Filters
●
Phase Shifters
●
Pre-Selectors
Maximum Ratings
Description
Microsemi’s GaAs hyperabrupt junction varactor
diodes are fabricated from epitaxial layers grown
at Microsemi by the Chemical Vapor Deposition
technique. The layers are processed at using
proprietary techniques resulting in varactors with
constant gamma, high Q factor and repeatable
tuning curves. These varactors are available in a
variety
of
microwave
ceramic
packages
or
bondable chips for operation from UHF to
millimeter wave frequencies.
Reverse Voltage
Breakdown Voltage
Forward Current
50 mA @ 25°C
Incident Power
+20 dBm @ 25°C
Operating Temperature
-55°C to +175°C
Storage Temperature
-55°C to +200°C
IMPORTANT:
For the most current data, consult our website: www.MICROSEMI.com
Specifications are subject to change. Consult factory for the latest information
.
These devices are ESD sensitive and must be handled using ESD precautions.
1 The MS3000 Series of products are
supplied with a RoHS complaint Gold finish
.


Similar Part No. - MV30004

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
MV3000 ADVANCEDENERGY-MV3000 Datasheet
467Kb / 4P
MEDIUM-VOLTAGE HIGH CURRENT POWER SUPPLIES
More results

Similar Description - MV30004

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC930 ZETEX-ZC930 Datasheet
123Kb / 6P
SILICON 12V HYPERABRUPT VARACTOR DIODES
logo
Skyworks Solutions Inc.
GMV7811 SKYWORKS-GMV7811 Datasheet
61Kb / 3P
GaAs Hyperabrupt Junction Varactor Diodes
logo
Sensitron
SCP-5761 SENSITRON-SCP-5761 Datasheet
83Kb / 2P
GaAs CONSTANT GAMMA HYPERABRUPT VARACTOR DIODE
logo
Zetex Semiconductors
ZC829ATA ZETEX-ZC829ATA Datasheet
334Kb / 8P
Silicon 25V hyperabrupt varactor diodes
logo
M/A-COM Technology Solu...
MA46410_V8 MA-COM-MA46410_V8 Datasheet
274Kb / 5P
GaAs Hyperabrupt Varactor Diode
MA46410-480 MA-COM-MA46410-480 Datasheet
580Kb / 5P
GaAs Hyperabrupt Varactor Diode
MA46410-480 MA-COM-MA46410-480_15 Datasheet
580Kb / 5P
GaAs Hyperabrupt Varactor Diode
MA46410 MA-COM-MA46410_15 Datasheet
965Kb / 6P
GaAs Hyperabrupt Varactor Diode
MGV100-X MA-COM-MGV100-X Datasheet
506Kb / 5P
GaAs Hyperabrupt Varactor Diodes
MGV125-X MA-COM-MGV125-X Datasheet
500Kb / 5P
GaAs Hyperabrupt Varactor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com