Electronic Components Datasheet Search
  English  ▼

X  

WS2418 Datasheet(PDF) 2 Page - Wing Shing Computer Components

Part # WS2418
Description  TELEPHONE TONE RINGER WITH BRIDGE DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

WS2418 Datasheet(HTML) 2 Page - Wing Shing Computer Components

  WS2418 Datasheet HTML 1Page - Wing Shing Computer Components WS2418 Datasheet HTML 2Page - Wing Shing Computer Components WS2418 Datasheet HTML 3Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DC ELECTRICAL CHARATERISTICS (T
A=25℃
℃
℃
℃)
Symbol
Characteristics
Min.
Typ.
Max.
Units
Test Conditions
V
CC
Supply Voltage
26
V
I
CC
Current Consumption Without load
1.5
1.8
mA
V
CC=8.8 to 26V
V
ON
Activation Voltage
12.2
13
V
V
ONR
Activation Voltage Range
8
10
V
R
A=1KΩ
V
SUS
Sustaining Voltage
8
8.8
V
R
D(OFF)
Different
Resistance
in
OFF
Condition
6.4
KΩ
V
O(P-P)
Output Voltage Swing
V
CC-3
V
I
SC
Short Circuit Current
35
mA
V
CC=26V
TEST AND APPLICATION CIRCUIT
DESCRIPTION
The WS2418 tone ringer device its power supply by rectifying the AS ringing signal. It uses this
power to activate two tone generators. The two tone frequencies generators are switched by an internal
oscillator in a fast sequence and made audible across an output amplifier in the loudspeaker, both tone
frequencies and the switch frequency can be externally adjusted
The devices can driver either directly a piezo ceramic converter (buzzer) or small loudspeaker. In case
of using a loudspeaker, a transformer is need.4
An internal shunt voltage regulator provides DC voltage to the output stage, low frequency oscillator,
and high frequency oscillator. To protect the IC telephone line transients, a zener diode is include.
TEL LINE
RING
TIP
C
C
C
C
3
33
3
10 F
10 F
10 F
10 F
1 F,250V
1 F,250V
1 F,250V
1 F,250V
AC
AC
AC
AC
2.2K
2.2K
2.2K
2.2K
R
R
R
R
A
A
A
A
10K
10K
10K
10K
10K
10K
10K
10K
12K
12K
12K
12K
R
R
R
R
1
11
1
100nF
100nF
100nF
100nF
C
C
C
C
1
11
1
0.22 F
0.22 F
0.22 F
0.22 F
V
V
V
V
OUT
OUT
OUT
OUT
Piezo
Piezo
Piezo
Piezo
1300 :8
1
11
1
2
22
23
33
34
44
4
7
77
7
8
88
85
55
5
6
66
6
WS2418
V
V
V
V
CC
CC
CC
CC
R
R
R
R
2
22
2
C
C
C
C
2
22
2
ffff
1
11
1=
=
=
=
, f
, f
, f
, f
2
22
2=
=
=
=
1.75
1.75
1.75
1.75....10
10
10
104444
R
R
R
R
1
11
1 (K
)
(K )
(K )
(K )
5
55
5
7
77
7
ffff
1
11
1, f
, f
, f
, f
S
S
S
S=
=
=
=
800
800
800
800
C
1 (nF )
AC ELECTRICAL CHARACTERISTICS
Symbol
Characteristic
Min.
Typ.
Max.
Units
Test Conditions
V
CC=26V, R1=14KΩ
F
H1
2300+300
V
C=0V(PIN3)
F
H2
Output Frequency
1700+300
H
Z
V
C=6V(PIN3)
f
H1R
f
H1 Range
0.1
15
KHz
R
1=27KΩ To 1.7KΩ
f
S
Sweep Frequency
8
H
Z
R
1=14KΩ,C1=100nF
WS2418
TELEPHONE TONE
RINGER WITH BRIDGE DIODE
1000
3.22X



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com