Electronic Components Datasheet Search
  English  ▼

X  

INA333-HT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # INA333-HT
Description  Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA333-HT Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA333-HT Datasheet HTML 12Page - Texas Instruments INA333-HT Datasheet HTML 13Page - Texas Instruments INA333-HT Datasheet HTML 14Page - Texas Instruments INA333-HT Datasheet HTML 15Page - Texas Instruments INA333-HT Datasheet HTML 16Page - Texas Instruments INA333-HT Datasheet HTML 17Page - Texas Instruments INA333-HT Datasheet HTML 18Page - Texas Instruments INA333-HT Datasheet HTML 19Page - Texas Instruments INA333-HT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
10kW
OPA333
±10mV
AdjustmentRange
100W
100W
100 A
m
1/2REF200
100 A
m
1/2REF200
V+
V-
R
G
INA333
Ref
V
O
V
IN-
V
IN+
INA333
47kW
47kW
INA333
10kW
Microphone,
Hydrophone,
etc.
Thermocouple
INA333
Centertapprovides
biascurrentreturn.
SBOS514 – MARCH 2010
www.ti.com
INTERNAL OFFSET CORRECTION
Without a bias current path, the inputs will float to a
potential that exceeds the common-mode range of
The INA333 internal op amps use an auto-calibration
the INA333, and the input amplifiers will saturate. If
technique with a time-continuous 350-kHz op amp in
the differential source resistance is low, the bias
the signal path. The amplifier is zero-corrected every
current return path can be connected to one input
8 ms using a proprietary technique. Upon power-up,
(see the thermocouple example in Figure 36). With
the amplifier requires approximately 100 ms to
higher source impedance, using two equal resistors
achieve specified VOS accuracy. This design has no
provides a balanced input with possible advantages
aliasing or flicker noise.
of lower input offset voltage as a result of bias current
and better high-frequency common-mode rejection.
OFFSET TRIMMING
Most
applications
require
no
external
offset
adjustment; however, if necessary, adjustments can
be made by applying a voltage to the REF terminal.
Figure 35 shows an optional circuit for trimming the
output offset voltage. The voltage applied to REF
terminal is summed at the output. The op amp buffer
provides low impedance at the REF terminal to
preserve good common-mode rejection.
Figure 35. Optional Trimming of Output Offset
Figure 36. Providing an Input Common-Mode
Voltage
Current Path
NOISE PERFORMANCE
INPUT COMMON-MODE RANGE
The auto-calibration technique used by the INA333
results in reduced low frequency noise, typically only
The linear input voltage range of the input circuitry of
50 nV/
√Hz, (G = 100). The spectral noise density can
the INA333 is from approximately 0.1 V below the
be seen in detail in Figure 10. Low frequency noise of
positive supply voltage to 0.1 V above the negative
the INA333 is approximately 1 mVPP measured from
supply. As a differential input voltage causes the
0.1 Hz to 10 Hz, (G = 100).
output voltage to increase, however, the linear input
range is limited by the output voltage swing of
INPUT BIAS CURRENT RETURN PATH
amplifiers A1 and A2. Thus, the linear common-mode
input range is related to the output voltage of the
The input impedance of the INA333 is extremely
complete amplifier. This behavior also depends on
high—approximately 100 G
Ω. However, a path must
supply voltage—see Typical Characteristic curves
be provided for the input bias current of both inputs.
Typical Common-Mode Range vs Output Voltage
This input bias current is typically ±70 pA. High input
(Figure 22 to Figure 25).
impedance
means
that
this
input
bias
current
changes very little with varying input voltage.
Input overload conditions can produce an output
voltage that appears normal. For example, if an input
Input circuitry must provide a path for this input bias
current for proper operation. Figure 36 illustrates
various provisions for an input bias current path.
16
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): INA333-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com