Electronic Components Datasheet Search
  English  ▼

X  

BH1603FVC Datasheet(PDF) 1 Page - Rohm

Part # BH1603FVC
Description  Analog Current Output Type Ambient Light Sensor IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH1603FVC Datasheet(HTML) 1 Page - Rohm

  BH1603FVC Datasheet HTML 1Page - Rohm BH1603FVC Datasheet HTML 2Page - Rohm BH1603FVC Datasheet HTML 3Page - Rohm BH1603FVC Datasheet HTML 4Page - Rohm BH1603FVC Datasheet HTML 5Page - Rohm BH1603FVC Datasheet HTML 6Page - Rohm BH1603FVC Datasheet HTML 7Page - Rohm BH1603FVC Datasheet HTML 8Page - Rohm BH1603FVC Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/8
www.rohm.com
2010.03 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Ambient Light Sensor IC Series
Analog Current Output Type
Ambient Light Sensor IC
BH1603FVC
●Descriptions
BH1603FVC is an analog current output ambient light sensor. BH1603FVC is the most suitable to obtain the ambient light
data for adjusting LCD and Keypad backlight of Mobile phone for power saving and better visibility
●Features
1) Compact surface mount package 3.0×1.6 mm
2) Spectral sensitivity close to human eyes sensitivity.
3) Output current in proportion to brightness.
4) Minimum supply voltage 2.4V
5) Built-in shutdown function
6) 3 steps controllable output current gain.
7) 1.8V logic input interface
8) Low sensitivity variation (+/-15%)
●Applications
Mobile phone, LCD TV, PDP TV, Laptop PC, Portable game console, Digital camera, Digital video camera, Car navigation,
PDA, LCD display
●Absolute Maximum Ratings
Parameter
Symbol
Limits
Units
Supply Voltage
Vmax
7
V
Operating Temperature
Topr
-40~85
℃
Storage Temperature
Tstg
-40~100
℃
Iout Current
Ioutmax
7.5
mA
Power Dissipation
Pd
260
※
mW
※ 70mm × 70mm × 1.6mm glass epoxy board. Derating at 3.47mW/℃ for operating above Ta=25℃.
●Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
VCCVoltage VCC
VCC
2.4
3.0
5.5
V
●Electrical Characteristics ( VCC = 3.0V, Ta = 25℃, unless otherwise noted )
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Supply Current1 (Operate)
Icc1
51
74
97
uA
Ev=100 lx (H-Gain Mode)
※
Supply Current2 (0 lx)
Icc2
4.5
9
13.5
uA
Ev=0 lx (H-Gain Mode)
Supply Current3(Shutdown)
Icc3sd
-
0.2
0.4
uA
VGC1=V GC2=0 No Input Light
IOUT Output Current1 (Dark Current)
Iout1
-
-
0.2
uA
Ev=0 lx
IOUT Output Current2
Iout2
51
60
69
uA
Ev=100 lx (H-Gain Mode)
※
Peak Wave Length
λp
-
560
-
nm
Incandescent/Fluorescent Light Current Ratio
rIF
-
1.0
-
times Ev=100 lx
Saturated Output Voltage
VOMAX
2.6
2.9
3.0
V
Ev=100 lx, RL=220k
Ω(H-Gain Mode)※
GC1, GC2 Input ‘L’ Voltage
VIL
0
-
0.4
V
GC1,GC2 Input ‘H’ Voltage1
VIH1
1.4
-
Vcc
V
2.4V ≦ VCC ≦ 3.6V
GC1,GC2 Input ‘H’ Voltage2
VIH2
2.0
-
Vcc
V
3.6V < VCC ≦ 5.5V
Wake-up Time
twu
-
45
128
us
Shutdown→H-Gain Mode ,Ev=100lx
※
Gain Ratio H-Gain Mode/M-Gain Mode
rHM
9.5
10
10.5
times Ev=100lx
※
Gain Ratio M-Gain Mode/L-Gain Mode
rML
9.5
10
10.5
times Ev=100lx
※
※ White LED is used as optical source
No.10046EBT05


Similar Part No. - BH1603FVC

ManufacturerPart #DatasheetDescription
logo
Rohm
BH1603FVC ROHM-BH1603FVC Datasheet
502Kb / 12P
Analog Current Output Type Ambient Light Sensor IC
BH1603FVC-TR ROHM-BH1603FVC-TR Datasheet
502Kb / 12P
Analog Current Output Type Ambient Light Sensor IC
BH1603FVC ROHM-BH1603FVC_12 Datasheet
502Kb / 12P
Analog Current Output Type Ambient Light Sensor IC
More results

Similar Description - BH1603FVC

ManufacturerPart #DatasheetDescription
logo
Rohm
BH1600FVC ROHM-BH1600FVC Datasheet
255Kb / 5P
Analog Output Ambient Light Sensor IC
BH1620FVC ROHM-BH1620FVC Datasheet
312Kb / 10P
Analog Current Output Type Ambient Light Sensor IC
BH1621FVC ROHM-BH1621FVC Datasheet
293Kb / 10P
Analog Current Output Type Ambient Light Sensor IC
BH1600FVC ROHM-BH1600FVC_10 Datasheet
272Kb / 9P
Analog Current Output Type Ambient Light Sensor IC
BH1680FVC ROHM-BH1680FVC Datasheet
265Kb / 9P
Ambient Light Sensor ICs Analog Current Output Type Ambient Light Sensor IC
BH1680FVC-E ROHM-BH1680FVC-E Datasheet
293Kb / 9P
Analog Current Output Type Ambient Light Sensor IC
BH1600FVC-TR ROHM-BH1600FVC-TR Datasheet
358Kb / 9P
Analog Current Output Type Ambient Light Sensor IC
BH1603FVC ROHM-BH1603FVC_12 Datasheet
502Kb / 12P
Analog Current Output Type Ambient Light Sensor IC
BH1620FVC ROHM-BH1620FVC_12 Datasheet
434Kb / 12P
Analog Current Output Type Ambient Light Sensor IC
BH1682FVC ROHM-BH1682FVC Datasheet
1Mb / 15P
Analog Current Output Type Ambient Light Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com