Electronic Components Datasheet Search
  English  ▼

X  

WS62256LLP Datasheet(PDF) 9 Page - Wing Shing Computer Components

Part # WS62256LLP
Description  Very Low Power / Voltage CMOS SRAM 32K X 8bit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

WS62256LLP Datasheet(HTML) 9 Page - Wing Shing Computer Components

  WS62256LLP Datasheet HTML 1Page - Wing Shing Computer Components WS62256LLP Datasheet HTML 2Page - Wing Shing Computer Components WS62256LLP Datasheet HTML 3Page - Wing Shing Computer Components WS62256LLP Datasheet HTML 4Page - Wing Shing Computer Components WS62256LLP Datasheet HTML 5Page - Wing Shing Computer Components WS62256LLP Datasheet HTML 6Page - Wing Shing Computer Components WS62256LLP Datasheet HTML 7Page - Wing Shing Computer Components WS62256LLP Datasheet HTML 8Page - Wing Shing Computer Components WS62256LLP Datasheet HTML 9Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
PACKAGE DIMENSIONS
Units: millimeter(inch)
1.65
#1
28 PIN DUAL INLINE PACKAGE(600mil)
#28
13.60
± 0.20
0.535
± 0.008
36.32
± 0.20
1.430
± 0.008
(
)
0.065
1.52
± 0.10
0.060
± 0.004
0.46
± 0.10
0.018
± 0.004
+0.10
MAX
36.72
1.446
0.25
-0.05
+0.004
0.010
-0.002
#14
#15
2.54
0.100
MAX
3.81
± 0.20
0.150
± 0.008
5.08
0.200
MIN
0.015
0.38
0.130
± 0.012
3.30
± 0.30
0~15
°
28 PIN PLASTIC SMALL OUTLINE PACKAGE(
0~8
°
#28
11.81
± 0.30
0.465
± 0.012
18.29
± 0.20
0.720
± 0.008
MAX
18.69
0.736
MAX
2.59
± 0.20
0.102
± 0.008
3.00
0.118
MIN
0.002
0.05
0.004 MAX
0.10 MAX
#15
0.41
± 0.10
0.016
± 0.004
#1
#14
0.89
(
)
0.035
8.38
± 0.20
0.330
± 0.008
1.02
± 0.20
0.040
± 0.008
+0.10
0.15
-0.05
+0.004
0.006
-0.002
1.27
0.050
330mil)
WS
WS62256
9-9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com