Electronic Components Datasheet Search
  English  ▼

X  

EXO-3 Datasheet(PDF) 1 Page - Wolfgang Knap

Part # EXO-3
Description  CRYSTAL OSCILLATOR FOR uPs WITH PROGRAMMBLE OUTPUT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WK [Wolfgang Knap]
Direct Link  http://www.knap.at/en/index.html
Logo WK - Wolfgang Knap

EXO-3 Datasheet(HTML) 1 Page - Wolfgang Knap

  EXO-3 Datasheet HTML 1Page - Wolfgang Knap  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Seite - 46 -
Ausgabedatum: 00-09-21
A-1130 Wien
Lilienberggasse 13
Tel.: +43-1-403 08 12
Fax: +43-1-408 72 13
e-mail: info@knap.at
http://www.knap.at
EXO-3
CRYSTAL OSCILLATOR FOR µP’s
WITH PROGRAMMABLE OUTPUT
Frequency Range
12 - 24,576 MHz
30 - 32 MHz
Standard Frequency
Table 1
Divider Select
Table 2
Frequency Stability
±100 x 10
-6
±150 x 10
-6
Operating Temperature Range
-10 ... +70°C
Supply Voltage
+5 ±0,5 V
Supply Current
20 mA max. (8 mA typ. at 16 MHz)
Output Waveform
CMOS
Output Symmetry
40 / 60%
Output Rise-/Fall Time
15 ns max. (10 ns typ.)
12,8 max.
ø1,6
8
1
7
2 3 4
5
6
2,54
7,62
V
C B A
F D ST V
8
7
5
6
1
2
3
4
DD
SS
all Dimensions
in mm
Load
50 pF
15 pF
Table 1
f0
f0 / 2
1
f0 / 2
2
f0 / 2
3
f0 / 2
4
f0 / 2
5
f0 / 2
6
f0 / 2
7
f0 / 2
8
(MHz)
(MHz)
(MHz)
(MHz)
(kHz)
(kHz)
(kHz)
(kHz)
(kHz)
12,00000
6,000000
3,000000
1,500000
750,000
375,000
187,500
93,750
46,875
12,28800
6,144000
3,072000
1,536000
768,000
384,000
192,000
96,000
48,000
12,80000
6,400000
3,200000
1,600000
800,000
400,000
200,000
100,000
50,000
14,31818
7,159090
3,579545
1,789772
894,886
447,443
223,722
111,861
55,930
14,50000
7,250000
3,625000
1,812500
906,250
453,125
226,563
113,281
56,641
14,74560
7,372800
3,686400
1,843200
921,600
460,800
230,400
115,200
57,600
14,91050
7,455250
3,727625
1,863813
931,906
465,953
232,977
116,488
58,244
15,00000
7,500000
3,750000
1,875000
937,500
468,750
234,375
117,188
58,594
15,36000
7,680000
3,840000
1,920000
960,000
480,000
240,000
120,000
60,000
15,97440
7,987200
3,993600
1,996800
998,400
499,200
249,600
124,800
62,400
16,00000
8,000000
4,000000
2,000000
1000,000
500,000
250,000
125,000
62,500
16,12800
8,064000
4,032000
2,016000
1008,000
504,000
252,000
126,000
63,000
16,25700
8,128500
4,064250
2,032125
1016,063
508,031
254,016
127,008
63,504
16,38400
8,192000
4,096000
2,048000
1024,000
512,000
256,000
128,000
64,000
17,73447
8,867238
4,433619
2,216809
1108,400
554,200
277,100
138,550
69,275
18,43200
9,216000
4,608000
2,304000
1152,000
576,000
288,000
144,000
72,000
19,09090
9,545455
4,772727
2,386364
1193,182
596,591
298,295
149,148
74,574
19,20000
9,600000
4,800000
2,400000
1200,000
600,000
300,000
150,000
75,000
19,66080
9,830400
4,915200
2,457600
1228,800
614,400
307,200
153,600
76,800
20,00000
10,000000
5,000000
2,500000
1250,000
625,000
312,500
156,250
78,125
20,48000
10,240000
5,120000
2,560000
1280,000
640,000
320,000
160,000
80,000
21,47727
10,738635
5,369318
2,684659
1342,329
671,165
335,582
167,791
83,896
22,00000
11,000000
5,500000
2,750000
1375,000
687,500
343,750
171,875
85,938
22,11840
11,059200
5,529600
2,764800
1382,400
691,200
345,600
172,800
86,400
24,00000
12,000000
6,000000
3,000000
1500,000
750,000
375,000
187,500
93,750
24,57600
12,288000
6,144000
3,072000
1536,000
768,000
384,000
192,000
96,000
30,00000
15,000000
7,500000
3,750000
1875,000
937,500
468,750
234,375
117,188
32,00000
16,000000
8,000000
4,000000
2000,000
1000,000
500,000
250,000
125,000
Table 2
INPUT
OUTPUT
Select
original frequency
divided frequency
C
B
A
ST
F (OUT #1)
D (OUT #2)
L
L
L
H
f0 clock
f0 / 2
1 clock
L
L
H
H
f0 clock
f0 / 2² clock
L
H
L
H
f0 clock
f0 / 2³ clock
L
H
H
H
f0 clock
f0 / 2
4 clock
H
L
L
H
f0 clock
f0 / 2
5 clock
H
L
H
H
f0 clock
f0 / 2
6 clock
H
H
L
H
f0 clock
f0 / 2
7 clock
H
H
H
H
f0 clock
f0 / 2
8 clock
-
-
-
L
L
L


Similar Part No. - EXO-3

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
EXO-3 KSS-EXO-3 Datasheet
159Kb / 1P
cdmaOne-TX-IF
logo
ECM Electronics Limited...
EXO-3 ECM-EXO-3 Datasheet
123Kb / 2P
Programmable Oscillator
logo
Golledge Electronics Lt...
EXO-3C GOLLEDGE-EXO-3C Datasheet
60Kb / 1P
Programmable Oscillator
More results

Similar Description - EXO-3

ManufacturerPart #DatasheetDescription
logo
Epson Company
SPG EPSON-SPG Datasheet
109Kb / 3P
SELECTABLE-OUTPUT CRYSTAL OSCILLATOR
SG-210SEBA EPSON-SG-210SEBA Datasheet
380Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
SG-210SEH EPSON-SG-210SEH Datasheet
343Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
SG-210SGB EPSON-SG-210SGB Datasheet
354Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
TCO-710 EPSON-TCO-710 Datasheet
353Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
SG2016CAA EPSON-SG2016CAA Datasheet
511Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
SG2016CAN EPSON-SG2016CAN Datasheet
506Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
SG3225HBN EPSON-SG3225HBN Datasheet
431Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : HCSL
SG3225VEN EPSON-SG3225VEN Datasheet
618Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : LVDS
SG-8101 EPSON-SG-8101 Datasheet
1Mb / 8P
CRYSTAL OSCILLATOR (Programmable) OUTPUT: CMOS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com