Electronic Components Datasheet Search
  English  ▼

X  

BU7252VM Datasheet(PDF) 9 Page - Rohm

Part # BU7252VM
Description  Comparators: Low Voltage CMOS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7252VM Datasheet(HTML) 9 Page - Rohm

Back Button BU7252VM Datasheet HTML 5Page - Rohm BU7252VM Datasheet HTML 6Page - Rohm BU7252VM Datasheet HTML 7Page - Rohm BU7252VM Datasheet HTML 8Page - Rohm BU7252VM Datasheet HTML 9Page - Rohm BU7252VM Datasheet HTML 10Page - Rohm BU7252VM Datasheet HTML 11Page - Rohm BU7252VM Datasheet HTML 12Page - Rohm BU7252VM Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Technical Note
BU7251G,BU7251SG, BU7231G,BU7231SG,
BU7252F/FVM,BU7252S F/FVM,BU7232F/FVM,BU7232S F/FVM
9/18
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
7.5
10.0
12
34
5
6
SUPPLY VOLTAGE [V]
60
80
100
120
140
160
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
○
BU7231 series
(*) The above date is ability value of sample, it is not guaranteed. BU7231G:-40[℃] to+85[℃] BU7231SG:-40[℃] to+105[℃]
-40℃
25℃
85℃
105℃
BU7231 family
Input Offset Voltage – Supply Voltage
(Vicm=VDD, Vout=0.1[V])
0
1
2
3
4
5
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
5.5V
1.8V
3.0V
Propagation Delay L-H
– Ambient Temperature
BU7231 family
0.0
0.3
0.6
0.9
1.2
1.5
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
5.5V
1.8V
3.0V
BU7231 family
Propagation Delay H-L– Ambient Temperature
60
80
100
120
140
160
12
3
4
56
SUPPLY VOLTAGE [V]
-40℃
25℃
85℃
105℃
BU7231 family
Large Signal Voltage Gain – Supply Voltage
0
20
40
60
80
100
120
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
BU7231 family
Power Supply Rejection Ratio
– Ambient Temperature
0
20
40
60
80
100
120
1
2
34
56
SUPPLY VOLTAGE [V]
-40℃
25℃
85℃
105℃
BU7231 family
Common Mode Rejection Ratio
– Supply Voltage (VDD=3[V])
-15
-10
-5
0
5
10
15
-1
01
23
4
INPUT VOLTAGE [V]
-40℃
25℃
85℃
105℃
BU7231 family
Input Offset Voltage – Input Voltage
(VDD=3[V])
3.0V
5.5V
1.8V
BU7231 family
Large Signal Voltage Gain
– Ambient Temperature
0
20
40
60
80
100
120
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
5.5V
1.8V
3.0V
BU7231 family
Common Mode Rejection Ratio
– Ambient Temperature (VDD=3[V])
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
7.5
10.0
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
BU7231 family
5.5V
1.8V
3.0V
Input Offset Voltage – Ambient Temperature
(Vicm=VDD, Vout=0.1[V])
Fig. 57
Fig. 58
Fig. 59
Fig. 60
Fig. 61
Fig. 62
Fig. 63
Fig. 64
Fig. 65
Fig. 66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com