Electronic Components Datasheet Search
  English  ▼

X  

SFFR250 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFFR250
Description  27 AMP 200 VOLTS 0.100 RADIATION HARDENED N-CHANNEL MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFFR250 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFFR250 Datasheet HTML 1Page - Solid States Devices, Inc SFFR250 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - SFFR250

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFFR250M SSDI-SFFR250M Datasheet
249Kb / 2P
RADIATION HARDENED N-CHANNEL MOSFET
More results

Similar Description - SFFR250

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
JANSR2N7281 INTERSIL-JANSR2N7281 Datasheet
49Kb / 7P
Radiation Hardened, N-Channel Power MOSFET
November 1998
logo
Solid States Devices, I...
SFF230J SSDI-SFF230J Datasheet
212Kb / 2P
9 AMP 200 Volts 0.40OHM N-Channel POWER MOSFET
SFF230M SSDI-SFF230M Datasheet
239Kb / 2P
9 AMP 200 Volts 0.40OHM N-Channel POWER MOSFET
SFF130 SSDI-SFF130 Datasheet
232Kb / 2P
14 AMP 200 Volts 0.16OHM N-Channel POWER MOSFET
SFF250 SSDI-SFF250 Datasheet
227Kb / 2P
30 AMP 200 Volts 0.085OHM N-Channel POWER MOSFET
SFF250M SSDI-SFF250M Datasheet
244Kb / 2P
30 AMP 200 Volts 0.085OHM N-Channel POWER MOSFET
SFFR450M SSDI-SFFR450M Datasheet
348Kb / 3P
-10 AMP -500 VOLTS 0.60 ohm RADIATION HARDENED N-Channel Power MOSFET
SFFR160N SSDI-SFFR160N Datasheet
232Kb / 2P
50 AMP 100 VOLTS 0.04 ohm RADIATION HARDENED N-Channel Power MOSFET
SFFR150M SSDI-SFFR150M Datasheet
230Kb / 2P
RADIATION HARDENED N-CHANNEL MOSFET
SFFR250M SSDI-SFFR250M Datasheet
249Kb / 2P
RADIATION HARDENED N-CHANNEL MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com