Electronic Components Datasheet Search
  English  ▼

X  

SDA480A Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA480A
Description  HIGH RELIABILITY 20 AMP, 50 ??300 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA480A Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA480A Datasheet HTML 1Page - Solid States Devices, Inc SDA480A Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDA480 __ __ __
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
└ Configuration
N = Common Anode
P = Common Cathode
D = Doubler
│
│
│
│
│
│
│
│
│
│
└
Peak Inverse Voltage (per leg)
A = 50V, B = 100V, C = 150V, D = 200V,
mE = 250V, and F = 300V.
SDA480AD thru SDA480FP
HIGH RELIABILITY
20 AMP, 50 ─ 300 VOLTS
ULTRA FAST RECOVERY
DOUBLER/CENTER TAP RECTIFIER ASSEMBLY
FEATURES:
•
Average Output Current 25 Amps @ 55
°C
•
PIV 50 to 300 Volts Per Leg
•
High Surge 150 Amps
•
Ultra Fast Reverse Recovery Time 40 ns Max
•
Hermetically Sealed Discretes
•
Thermally Superior Encapsulation
•
Aluminum Case, Electrically Isolated
•
Choice of Spade, Hook, or Turret Terminals
•
Available in Higher Voltages
•
Available in Standard, Fast, and Hyper Fast
Recovery Times
•
TX, TXV, or S-Level Screening Available
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0037A
DOC
MAXIMUM RATINGS
Part Number
Peak Repetitive
Reverse Voltage
(per leg)
And
DC Blocking
Voltage
(per leg)
RMS
Reverse
Voltage
(per leg)
Reverse
3/
Recovery
Time
Half Wave
Rectified Forward
Current, Averaged
Over Full Cycle
4/
Peak Repetitive
Forward
Current
5/
Peak Surge
Current
6/
Operating and
Storage
Temperature
Thermal Resistance
Junction to Case
Symbol
VRM (rep) VR
Vr
Trr
IO
IFM (rep)
IFM (surge)
TJ Tstg
RθJC
Units
Volts
Volts
ns
Amps
Amps
Amps
°C
°C/W
SDA480A(*)
50
35
40
20
75
150
- 65 to +150
6.0
SDA480B(*)
100
70
40
20
75
150
- 65 to +150
6.0
SDA480C(*)
150
105
40
20
75
150
- 65 to +150
6.0
SDA480D(*)
200
140
40
20
75
150
- 65 to +150
6.0
SDA480E(*)
250
175
40
20
75
150
- 65 to +150
6.0
SDA480F(*)
300
210
40
20
75
150
- 65 to +150
6.0
* N, P, or D- Terminal Configurations:
See Figure 1.
NOTES: 1. For Ordering Information, Price, and Availability- Contact Factory.
4. Resistive Load, 60Hz, Sine Wave, TC=55
OC.
2. Screening per MIL-PRF-19500.
5. TC = 55
OC, 8.3 ms Pulse, Allow Junction to Reach Equilibrium Between Pulses.
3. Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp rec. to .25 Amp.
6. TC = 55
OC, Superimposed on Rated Current at Rated Voltage, 8.3 ms Pulse.
SDA 480 with Turret Terminals:
SDA 480 with Hook Terminals:
SDA 480 with Spade Terminals:


Similar Part No. - SDA480A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA48 SSDI-SDA48 Datasheet
170Kb / 2P
150 AMP 50 VOLTS MATCHED POWER SCHOTTKY DIODE ARRAY
More results

Similar Description - SDA480A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR30020CT MCC-MBR30020CT Datasheet
132Kb / 3P
300 Amp Rectifier 20 to 100 Volts Schottky Barrier
MBR5020WT MCC-MBR5020WT Datasheet
755Kb / 2P
50 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Solid States Devices, I...
SDR953 SSDI-SDR953 Datasheet
216Kb / 2P
50 AMP 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR953-61 SSDI-SDR953-61 Datasheet
215Kb / 2P
50 AMP 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
SHF1100SM SSDI-SHF1100SM Datasheet
199Kb / 2P
1 AMP 50 - 300 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR643CTS1 SSDI-SDR643CTS1 Datasheet
80Kb / 2P
50 AMP 300-700 Volts 35 nsec Centertap Rectifier
SDA803A SSDI-SDA803A Datasheet
113Kb / 1P
HIGH RELIABILITY 20 AMP, 50 - 300 VOLTS
RC0146C SSDI-RC0146C Datasheet
107Kb / 2P
20 AMP Ultra Fast Rectifier 300 - 600 Volts
SDR2030UF SSDI-SDR2030UF Datasheet
103Kb / 2P
20 AMP Ultra Fast Rectifier 300 - 600 Volts 45 nsec
logo
ON Semiconductor
MMBF2201N ONSEMI-MMBF2201N Datasheet
103Kb / 4P
Power MOSFET 300 mAmps, 20 Volts
August, 2013 ??Rev. 7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com