Electronic Components Datasheet Search
  English  ▼

X  

SFT3019 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFT3019
Description  1 A 80 VOLTS NPN HIGH SPEED TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT3019 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFT3019 Datasheet HTML 1Page - Solid States Devices, Inc SFT3019 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
SFT3019
SERIES
NOTES:
1/
For Ordering Information, Price, and Availability Contact Factory.
2/
Screening per MIL-PRF-19500.
3/
For Package Outlines Contact Factory.
4/
TC = 25
oC, Unless Otherwise Specified.
*
Pulse Test: Pulse Width = 300us, Duty Cycle = 2%
VDC
80
-
BVCEO
Collector-Emitter Breakdown Voltage *
(IC = 30mA)
nADC
-10
IEBO
Emitter Current
(VBE = 5VDC )
nADC
µµµµµADC
-
-
10
10
ICBO
MIN
MAX
ELECTRICAL CHARACTERISTICS 4/
SYMBOL
UNITS
DC Current Gain*
(VCE = 10VDC)
50
90
100
50
15
40
0.2
0.5
Collector-Emitter Saturation
Voltage *
VCE(SAT)
VDC
HFE
Base-Emitter Saturation Voltage *
(IC = 150mADC, IB = 15mADC)
1.1
VDC
VBE(SAT)
-
400
AC Current Gain
5
80
hfe
IC = 0.1mADC, T
C = 25
oC
IC = 10mADC, T
C = 25
oC
IC = 150mADC, T
C = 25
oC
IC = 500mADC, T
C = 25
oC
IC = 1.0ADC, T
C = 25
oC
IC = 150mADC, T
C = -55
oC
-
-
-
-
-
300
-
-
-
Collector Cutoff Current
(VCB = 90VDC)
VDC
140
-
BVCBO
Collector-Base Sustaining Voltage *
(IC = 100µADC)
VDC
7-
BVEBO
Emitter-Base Sustaining Voltage *
(IE = 100µADC)
IC = 150mADC, IB = 15mADC
IC = 500mADC, IB = 50mADC
Input Capacitance
(VBE = 0.5V, IC = 0, f = 1MHz)
-60
Cib
pF
Package Outline
Part Number
Document
SFT2907A-4
60-0149-323
SFT2907A/18
60-0149-018
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Output Capacitance
(VCB = 10V, IE = 0, f = 1MHz)
-8
Cob
pF
4
db
-
TC = 25
oC
TC = 150
oC
IC = 50mA, VCE = 10V, f = 20MHz
IC = 1mA, VCE = 5V, f = 1kHz
Collector-Base Time Constant
(VCB = 10V, IC = 10mA, f = 4MHz)
400
rb * rc
psec
Noice Figure
(VCE = 10VDC , IC = 100µA, Rg = 1kOhms, f = 1MHz)
NF
-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com