Electronic Components Datasheet Search
  English  ▼

X  

WM2625 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM2625
Description  Low Power Dual 8-bit Serial Input DAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2625 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM2625 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2625 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2625 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2625 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2625 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2625 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2625 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2625 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2625 Datasheet HTML 9Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
WM2625
Low Power Dual 8-bit Serial Input DAC
Production Data, April 2001, Rev. 1.0
WOLFSON MICROELECTRONICS LTD
Lutton Court, Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
Email: sales@wolfson.co.uk
www.wolfsonmicro.com
Production Data Datasheets contain final
specifications current on publication date.
Supply of products conforms to Wolfson
Microelectronics’ Terms and conditions.
2001 Wolfson Microelectronics Ltd
.
FEATURES
• Dual 8-bit voltage output DAC
• Single supply from 2.7V to 5.5V
• Low supply current
-
0.8mA typical in slow mode
-
1.8mA typical in fast mode
• DNL ±0.2 LSB, INL ±0.5 LSB (max)
• Monotonic over temperature
• DSP compatible serial interface
• Programmable settling time of 1µs or 3µs typical
• High impedance reference input buffer
APPLICATIONS
•
Digital servo control loops
•
Industrial process control
•
Battery powered instruments and controls
•
Machine and motion control devices
•
Digital offset and gain adjustment
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
WM2625CD
0° to 70°C
8-pin SOIC
WM2625ID
-40° to 85°C
8-pin SOIC
DESCRIPTION
The WM2625 is a dual 8-bit voltage output, resistor string
digital-to-analogue converter.
It
can
operate
with
supply
voltages between 2.7V and 5.5V and can be powered down
under
software
control.
Power
down
reduces
current
consumption to 1
µA.
The device has been designed for glueless interface to industry
standard
microprocessors
and
DSPs.
The
WM2625
is
programmed with a 16-bit serial word including 4 control bits
and 8 data bits.
Excellent performance is delivered with a typical DNL of
0.2LSBs. Monotonicity is
guaranteed over the operating
temperature
range.
The
settling
time
of
the
DAC
is
programmable to allow for optimisation of speed versus power
dissipation. The analogue output is buffered by a rail-to-rail
amplifier with a gain of two and a Class AB output stage.
The reference voltage input features a high impedance buffer
which eliminates the need to keep the reference source
impedance low.
The WM2625 is
available in an
8-pin
SOIC
package.
Commercial (0
° to 70°C) and Industrial (-40° to 85°C)
temperature range variants are available.
BLOCK DIAGRAM
TYPICAL PERFORMANCE
WM2625
SERIAL
INTERFACE
AND
CONTROL
LOGIC
POWER-
DOWN AND
SPEED
CONTROL
X1
X1
X2
X2
REF
DIN
SCLK
NCS
OUTA
OUTB
8
8
2
VDD
GND
DAC
DAC
VDD = 5V, VREF = 2.048V, Speed = Fast Mode, TA = 25.5
OC
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
0
326496
128
160
192
224
256
DIGITAL CODE


Similar Part No. - WM2625

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2623 WOLFSON-WM2623 Datasheet
86Kb / 10P
Low Power 8-bit Serial Input DAC
WM2623CD WOLFSON-WM2623CD Datasheet
86Kb / 10P
Low Power 8-bit Serial Input DAC
WM2623ID WOLFSON-WM2623ID Datasheet
86Kb / 10P
Low Power 8-bit Serial Input DAC
WM2626 WOLFSON-WM2626 Datasheet
109Kb / 11P
Low Power Dual 8-bit Serial Input DAC with Internal Reference
WM2626CD WOLFSON-WM2626CD Datasheet
109Kb / 11P
Low Power Dual 8-bit Serial Input DAC with Internal Reference
More results

Similar Description - WM2625

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2618 WOLFSON-WM2618 Datasheet
125Kb / 10P
Dual 12-Bit Serial Input Voltage Output DAC
WM2623 WOLFSON-WM2623 Datasheet
86Kb / 10P
Low Power 8-bit Serial Input DAC
WM2626 WOLFSON-WM2626 Datasheet
109Kb / 11P
Low Power Dual 8-bit Serial Input DAC with Internal Reference
WM2627 WOLFSON-WM2627 Datasheet
107Kb / 11P
Quad 8-Bit Serial Input Voltage Output DAC
WM2629 WOLFSON-WM2629 Datasheet
119Kb / 13P
Octal 8-bit, Serial Input, Voltage Output DAC with Power Down
logo
Analog Devices
AD8522 AD-AD8522 Datasheet
240Kb / 8P
5 Volt, Serial Input, Dual 12-Bit DAC
REV.A
logo
Maxim Integrated Produc...
MAX5820 MAXIM-MAX5820 Datasheet
400Kb / 13P
Dual, 8-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 2/05
MAX5223 MAXIM-MAX5223 Datasheet
222Kb / 11P
Low - Power, Dual, 8 - Bit, Voltage Output Serial DAC in 8 - Pin SOT23
Rev 0; 1/01
logo
Analog Devices
AD8522ARZ AD-AD8522ARZ Datasheet
244Kb / 8P
5 Volt, Serial Input, Dual 12-Bit DAC
REV. A
AD7543 AD-AD7543_15 Datasheet
563Kb / 8P
Serial Input 12 Bit DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com