Electronic Components Datasheet Search
  English  ▼

X  

WM2626 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM2626
Description  Low Power Dual 8-bit Serial Input DAC with Internal Reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2626 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM2626 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2626 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2626 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2626 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2626 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2626 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2626 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2626 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2626 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
WM2626
Low Power Dual 8-bit Serial Input DAC
with Internal Reference
Production Data, Rev. 1.0, April 2001
WOLFSON MICROELECTRONICS LTD
Lutton Court, Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
Email: sales@wolfson.co.uk
www.wolfsonmicro.com
Production Data Datasheets contain final
specifications current on publication date.
Supply of products conforms to Wolfson
Microelectronics’ Terms and conditions.
2001 Wolfson Microelectronics Ltd
.
FEATURES
• Dual 8-bit voltage output DAC
• Single supply from 2.7V to 5.5V
• Low power consumption:
-
1.7mW typical (3V supply, slow mode)
-
3.7mW typical (3V supply, fast mode)
• DNL ±0.1 LSB, INL ±0.4 LSB (typical)
• Monotonic over temperature
• Microprocessor and DSP compatible serial interface
• Programmable settling time of 0.8µs or 2.8µs typical
• High impedance reference input buffer
APPLICATIONS
•
Digital servo control loops
•
Industrial process control
•
Battery powered instruments and controls
•
Machine and motion control devices
•
Digital offset and gain adjustment
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
WM2626CD
0° to 70°C
8-pin SOIC
WM2626ID
-40° to 85°C
8-pin SOIC
DESCRIPTION
The WM2626 is a dual 8-bit voltage output, resistor string
digital-to-analogue converter.
It
can
operate
with
supply
voltages between 2.7V and 5.5V and can be powered down
under
software
control.
Power
down
reduces
current
consumption to 1
µA.
The device has been designed for glueless interface to industry
standard microprocessors and DSPs. It is programmed with a
16-bit serial word including 4 control bits and 8 data bits.
Excellent performance is delivered with a typical DNL of
0.2LSBs. Monotonicity is
guaranteed over the operating
temperature
range.
The
settling
time
of
the
DAC
is
programmable to allow for optimisation of speed versus power
dissipation. The analogue output is buffered by a rail-to-rail
amplifier with a gain of two and a Class AB output stage.
The on-chip voltage reference is available to external circuitry
through the REF pin. It is buffered and can supply up to 1mA.
Alternatively, an external reference can be used. A high
impedance reference input buffer eliminates the need to keep
the reference source impedance low.
The WM2626 is
available in an
8-pin
SOIC
package.
Commercial (0
° to 70°C) and Industrial (-40° to 85°C)
temperature range variants are available.
BLOCK DIAGRAM
TYPICAL PERFORMANCE
WM2626
SERIAL
INTERFACE
AND
CONTROL
LOGIC
POWER-
DOWN AND
SPEED
CONTROL
X1
X1
X2
X2
REF
DIN
SCLK
NCS
OUTA
OUTB
8
8
2
DAC
DAC
x1/x2
1.024V
REF
2
GND
VDD
VDD = 5V, Slow Mode, VREF = 2.048V external
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0
32
64
96
128
160
192
224
256
DIGITAL CODE


Similar Part No. - WM2626

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2623 WOLFSON-WM2623 Datasheet
86Kb / 10P
Low Power 8-bit Serial Input DAC
WM2623CD WOLFSON-WM2623CD Datasheet
86Kb / 10P
Low Power 8-bit Serial Input DAC
WM2623ID WOLFSON-WM2623ID Datasheet
86Kb / 10P
Low Power 8-bit Serial Input DAC
WM2625 WOLFSON-WM2625 Datasheet
101Kb / 9P
Low Power Dual 8-bit Serial Input DAC
WM2625CD WOLFSON-WM2625CD Datasheet
101Kb / 9P
Low Power Dual 8-bit Serial Input DAC
More results

Similar Description - WM2626

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2623 WOLFSON-WM2623 Datasheet
86Kb / 10P
Low Power 8-bit Serial Input DAC
WM2625 WOLFSON-WM2625 Datasheet
101Kb / 9P
Low Power Dual 8-bit Serial Input DAC
WM2630 WOLFSON-WM2630 Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2631 WOLFSON-WM2631 Datasheet
131Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2632 WOLFSON-WM2632 Datasheet
122Kb / 13P
Octal 8-bit, Serial Input, Voltage Output DAC with Internal Rererence
WM2636 WOLFSON-WM2636 Datasheet
392Kb / 10P
12-bit Serial Input Voltage Output DAC with Internal Reference
WM2637 WOLFSON-WM2637 Datasheet
262Kb / 11P
Dual 10-Bit Serial Input Voltage Output DAC with Internal Reference
WM2638 WOLFSON-WM2638 Datasheet
360Kb / 11P
Dual 12-Bit Serial Input Voltage Output DAC with Internal reference
WM2639 WOLFSON-WM2639 Datasheet
342Kb / 10P
12-Bit Parallel Input Voltage Output DAC with Internal Reference
logo
Maxim Integrated Produc...
MAX1112 MAXIM-MAX1112 Datasheet
381Kb / 20P
5V, Low-Power, Multi-Channel, Serial 8-Bit ADCs Internal 4.096V Reference
Rev 2; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com