Electronic Components Datasheet Search
  English  ▼

X  

NX2117 Datasheet(PDF) 9 Page - Microsemi Corporation

Part # NX2117
Description  SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT, POWER GOOD & OVER VOLTAGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2117 Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button NX2117 Datasheet HTML 5Page - Microsemi Corporation NX2117 Datasheet HTML 6Page - Microsemi Corporation NX2117 Datasheet HTML 7Page - Microsemi Corporation NX2117 Datasheet HTML 8Page - Microsemi Corporation NX2117 Datasheet HTML 9Page - Microsemi Corporation NX2117 Datasheet HTML 10Page - Microsemi Corporation NX2117 Datasheet HTML 11Page - Microsemi Corporation NX2117 Datasheet HTML 12Page - Microsemi Corporation NX2117 Datasheet HTML 13Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
NX2116/2116A/2116B/2117/2117A
9
Rev. 3.0
03/14/06
Case 1:
F
LC<FO<FESR
40dB/decade
20dB/decade
loop gain
LC
F
ESR
F
compensator
power stage
FZ1 Z2
F
O
F
FP2
P1
F
Figure 4 - Bode plot of Type III compensator
Design example for type III compensator are in
order. The crossover frequency has to be selected as
F
LC<FO<FESR, and FO<=1/10~1/5Fs.
1.Calculate the location of LC double pole F
LC
and ESR zero F
ESR.
LC
OUT
OUT
1
F
2
LC
1
2
1uH
440uF
7.6kHz
=
×π ××
=
×π ××
=
ESR
OUT
1
F
2
ESRC
1
2
6m
440uF
60.3kHz
=
×π ××
=
×π ×
Ω×
=
2. Set R
2 equal to 20kΩ.
×
Ω×
=
=Ω
2
REF
1
OUT
REF
RV
20k
0.8V
R =
16k
V
-V
1.8V-0.8V
Choose R
1=16kΩ.
3. Set zero F
Z2 = FLC and Fp1 =FESR .
4. Calculate R
4 and C3 with the crossover
frequency at 1/10~ 1/5 of the switching frequency. Set
F
O=50kHz.
3
2
z2
p1
1
11
C =
(-)
2
R
FF
1
11
=
(
-)
2
20k
7.6kHz 60.3kHz
=916pF
×
×π×
×
×π×Ω
OSCO
4
out
in3
V
2
FL
R =C
VC
1.5V
2
50kHz 1uH
=
440uF
12V
1nF
=17.2k
×π ××
××
×π ××
××
Ω
Choose C
3=1nF, R4=17.4kΩ.
5. Calculate C
2 with zero Fz1 at 75% of the LC
double pole by equation (11).
2
Z14
1
C
2
FR
1
2
0.75 7.6kHz 17.4k
1.6nF
=
×π ××
=
×π ×
×
×Ω
=
Choose C
2=1.5nF.
6. Calculate C
1 by equation (14) with pole Fp2 at
half the switching frequency.
1
4
P2
1
C
2
RF
1
2
17.4k
300kHz
30pF
=
×π ××
=
×π ×
Ω×
=
Choose C
1=33pF
7. Calculate R
3 by equation (13).
3
P13
1
R
2
FC
1
2
60.3kHz 1nF
2.64k
=
×π ××
=
×π ××
=Ω
Choose R
3=2.61kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com