Electronic Components Datasheet Search
  English  ▼

X  

NX2119 Datasheet(PDF) 13 Page - Microsemi Corporation

Part # NX2119
Description  SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT PROTECTION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2119 Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button NX2119 Datasheet HTML 8Page - Microsemi Corporation NX2119 Datasheet HTML 9Page - Microsemi Corporation NX2119 Datasheet HTML 10Page - Microsemi Corporation NX2119 Datasheet HTML 11Page - Microsemi Corporation NX2119 Datasheet HTML 12Page - Microsemi Corporation NX2119 Datasheet HTML 13Page - Microsemi Corporation NX2119 Datasheet HTML 14Page - Microsemi Corporation NX2119 Datasheet HTML 15Page - Microsemi Corporation NX2119 Datasheet HTML 16Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
NX2119/2119A
13
Rev.3.2
04/10/08
2
HCON
OUT
DS(ON)
2
LCON
OUT
DS(ON)
TOTAL
HCON
LCON
P
=I
DR
P
=I
(1 D) RK
P
=PP
× ××
× −
××
+
K
...(20)
where the RDS(ON) will increases as MOSFET junc-
tion temperature increases, K is RDS(ON) temperature
dependency. As a result, RDS(ON) should be selected for
the worst case, in which K approximately equals to 1.4
at 125oC according to IRFR3706 datasheet
. Conduc-
tion loss should not exceed package rating or overall
system thermal budget.
Switching loss is mainly caused by crossover con-
duction at the switching transition. The total switching
loss can be approximated.
SW
IN
OUT
SWS
1
P
V
I
TF
2
= ×
×××
...(21)
where IOUT is output current, TSW is the sum of T
R
and T
F which can be found in mosfet datasheet, and F
S
is switching frequency. Switching loss PSW is frequency
dependent.
Also MOSFET gate driver loss should be consid-
ered when choosing the proper power MOSFET.
MOSFET gate driver loss is the loss generated by dis-
charg
ing the gate capacitor and is dissipated in driver
circuits.It is proportional to frequency and is defined as:
gate
HGATE
HGS
LGATE
LGSS
P
(Q
V
Q
V
)F
=
×
+
××
...(22)
where QHGATE is the high side MOSFETs gate
charge,QLGATEis the low side MOSFETs gate charge,VHGS
is the high side gate source voltage, and V
LGS is the low
side gate source voltage.
This power dissipation should not exceed maxi-
mum power dissipation of the driver device.
Over Current Limit Protection
Over current Limit for step down converter is
achieved by sensing current through the low side
MOSFET. For NX2119, the current limit is decided by
the R
DSON of the low side mosfet.
When synchronous
FET is on, and the voltage on SW pin is below 320mV,
the over current occurs. The over current limit can be
calculated by the following equation.
SET
DSON
320mV
I
K R
=
×
If MOSFET R
DSON=9mΩ, the worst case thermal
consideration K=1.5, then
SET
DSON
320mV
320mV
I
23.7A
K R
1.5 9m
=
==
×
×Ω
Layout Considerations
The layout is very important when designing high
frequency switching converters. Layout will affect noise
pickup and can cause a good design to perform with
less than expected results.
Start to place the power components, make all the
connection in the top layer with wide, copper filled ar-
eas. The inductor, output capacitor and the MOSFET
should be close to each other as possible. This helps to
reduce the EMI radiated by the power traces due to the
high switching currents through them. Place input ca-
pacitor directly to the drain of the high-side MOSFET, to
reduce the ESR replace the single input capacitor with
two parallel units. The feedback part of the system should
be kept away from the inductor and other noise
sources,and be placed close to the IC. In multilayer PCB
use one layer as power ground plane and have a control
circuit ground (analog ground), to which all signals are
referenced.
The goal is to localize the high current path to a
separate loop that does not interfere with the more sen-
sitive analog control function. These two grounds must
be connected together on the PC board layout at a single
point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com