Electronic Components Datasheet Search
  English  ▼

X  

BU21050FS Datasheet(PDF) 2 Page - Rohm

Part # BU21050FS
Description  Capacitive Sensor Switch Control IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU21050FS Datasheet(HTML) 2 Page - Rohm

  BU21050FS Datasheet HTML 1Page - Rohm BU21050FS Datasheet HTML 2Page - Rohm BU21050FS Datasheet HTML 3Page - Rohm BU21050FS Datasheet HTML 4Page - Rohm BU21050FS Datasheet HTML 5Page - Rohm BU21050FS Datasheet HTML 6Page - Rohm BU21050FS Datasheet HTML 7Page - Rohm BU21050FS Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BU21050FS
Technical Note
2/7
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
●
Electrical characteristics(Especially, Topr=25℃ and AVDD=DVDD=0 as long as it doesn't specify it.)
Item
Symbol
Rating
Unit
Condition
Min
Typ
Max
DC characteristics
Input“H”voltage
VIHIO
DVDD x 0.9
-
DVDD + 0.2
V
Input“L”voltage
VILIO
GND – 0.2
-
DVDD x 0.1
V
Output“H”voltage
VOHIO DVDD x 0.8
-
DVDD
V
IOH = -2[mA].Overshoot is excluded.
Output“L”voltage
VOL
GND
-
DVDD x 0.2
V
IOL = 2[mA].Undershoot is excluded.
Input leakage current
IIZ
-1
-
1
μA
Output leakage current
IOZ
-
-
1
μA
Standby current
IST
-
-
2
μA
Shutdown (SDN=“L”)
Operation current
IDD
-
550
-
uA
●
A/D Converter
PARAMETER
SYMBOL
RATING
UNIT
Condition
MIN
TYP
MAX
Resolution
-
10
-
bit
Analog Input voltage
VAIN
GND
-
AVDD
V
Change clock frequency
fadck
0.2
-
2.0
MHz
Change time
ftim
-
13
-
μsec fadck = 1[MHz]
Zero scale voltage
-
-
GND + 0.07
V
Full scale voltage
AVDD - 0.07
-
-
V
Differential non line accurate
DNL
-
-
±3
LSB
Integrate non line accurate
INL
-
-
±3
LSB
●
CR Oscillator characteristic
PARAMETER
SYMBOL
RATING
UNIT
Condition
MIN
TYP
MAX
Frequency Oscillation
fcr
0.8
1.6
2.5
MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com