Electronic Components Datasheet Search
  English  ▼

X  

NX2138 Datasheet(PDF) 9 Page - Microsemi Corporation

Part # NX2138
Description  SINGLE CHANNEL MOBILE PWM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2138 Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button NX2138 Datasheet HTML 5Page - Microsemi Corporation NX2138 Datasheet HTML 6Page - Microsemi Corporation NX2138 Datasheet HTML 7Page - Microsemi Corporation NX2138 Datasheet HTML 8Page - Microsemi Corporation NX2138 Datasheet HTML 9Page - Microsemi Corporation NX2138 Datasheet HTML 10Page - Microsemi Corporation NX2138 Datasheet HTML 11Page - Microsemi Corporation NX2138 Datasheet HTML 12Page - Microsemi Corporation NX2138 Datasheet HTML 13Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
NX2138
9
Rev. 1.6
12/09/09
Demoboard waveforms
Fig.4 Startup (CH2 1.8V OUTPUT, CH3 PGOOD)
Fig.5 Turn off (CH2 1.8V OUTPUT, CH3 PGOOD)
Fig. 9 Output ripple at full load (CH1 SW, CH2 1.8V
OUTPUT AC, CH4 OUTPUT CURRENT)
Fig.7 Output transient in PFM mode (CH1 SW, CH2
1.8V OUTPUT AC, CH4 OUTPUT CURRENT)
Fig.8 Start into short (CH3 VOUT, CH4 OUTPUT
CURRENT)
Fig. 10 Output ripple at light load in PFM mode(CH1
SW, CH2 1.8V OUTPUT AC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com