Electronic Components Datasheet Search
  English  ▼

X  

NX2139A Datasheet(PDF) 5 Page - Microsemi Corporation

Part # NX2139A
Description  SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2139A Datasheet(HTML) 5 Page - Microsemi Corporation

  NX2139A Datasheet HTML 1Page - Microsemi Corporation NX2139A Datasheet HTML 2Page - Microsemi Corporation NX2139A Datasheet HTML 3Page - Microsemi Corporation NX2139A Datasheet HTML 4Page - Microsemi Corporation NX2139A Datasheet HTML 5Page - Microsemi Corporation NX2139A Datasheet HTML 6Page - Microsemi Corporation NX2139A Datasheet HTML 7Page - Microsemi Corporation NX2139A Datasheet HTML 8Page - Microsemi Corporation NX2139A Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
NX2139A
5
Rev. 2.3
03/19/09
PIN DESCRIPTIONS
PIN NUMBER PIN SYMBOL
PIN DESCRIPTION
This pin is directly connected to the output of the switching regulator and
senses the VOUT voltage. An internal MOSFET discharges the output during
turn off.
This pin supplies the internal 5V bias circuit. A 1uF X7R ceramic capacitor is
placed as close as possible to this pin and ground pin.
This pin is the error amplifiers inverting input. This pin is connected via
resistor divider to the output of the switching regulator to set the output DC
voltage from 0.75V to 3.3V.
PGOOD indicator for switching regulator. It requires a pull up resistor to Vcc
or lower voltage. When FB pin reaches 90% of the reference voltage
PGOOD transitions from LO to HI state.
PGOOD indicator for LDO, requires a pull up resistor to Vcc or lower volt-
age. When LDOFB pin reaches 90% of the reference voltage PGOOD
transitions from LO to HI state.
This pin is the error amplifiers inverting input. This pin is connected via
resistor divider to the output of the LDO to set the output DC voltage.
The drive signal for external LDO N channel MOSFET.
Low side gate driver output.
Provide the voltage supply to the lower MOSFET drivers. Place a high
frequency decoupling capacitor 1uF X5R to this pin.
This pin is connected to the drain of the external low side MOSFET and is
the input of over current protection(OCP) comparator. An internal current
source is flown to the external resistor which sets the OCP voltage across
the Rdson of the low side MOSFET.
This pin is connected to source of high side FETs and provide return path for
the high side driver. It is also the input of zero current sensing comparator.
High side gate driver output.
This pin supplies voltage to high side FET driver. A high freq 1uF X7R
ceramic capacitor and 2.2ohm resistor in series are recommended to be
placed as close as possible to and connected to this pin and SW pin.
LDO enable input functions only when ENSW/MODE is not shutdown.
Switching converter enable input. Connect to VCC for PFM/Non synchronous
mode, connected to an external resistor divider equals to 70%VCC for ultra-
sonic, connected to GND for shutdown mode, floating or connected to 2V for
the synchronous mode.
VIN sensing input. A resistor connects from this pin to VIN will set the fre-
quency. A 1nF capacitor from this pin to GND is recommended to ensure the
proper operation.
Power ground.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
PAD
VOUT
VCC
FB
PGOOD
LDOPG
LDOFB
LDODRV
LDRV
PVCC
OCSET
SW
HDRV
BST
ENLDO
ENSW/
MODE
TON
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com