Electronic Components Datasheet Search
  English  ▼

X  

WM2631 Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM2631
Description  Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2631 Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM2631 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2631 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2631 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2631 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2631 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2631 Datasheet HTML 10Page - Wolfson Microelectronics plc WM2631 Datasheet HTML 11Page - Wolfson Microelectronics plc WM2631 Datasheet HTML 12Page - Wolfson Microelectronics plc WM2631 Datasheet HTML 13Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Production Data
WM2631
WOLFSON MICROELECTRONICS LTD
PD Rev 1.1 April 2001
9
SERIAL INTERFACE
INTERFACE MODES
The control interface can operate in two different modes:
•
In the microcontroller mode, FS needs to be held low until all 16 data bits have been
transferred. If FS is driven high before the 16
th falling clock edge, the data transfer is cancelled.
The DAC is updated after a rising edge on FS.
•
In DSP mode, FS only needs to stay low for 20ns, and can go high before the 16
th falling clock
edge.
SCLK
FS
X
DIN
D15
D14
D1
D0
X
E15
E14
E1
E0
X
F15
F14
X
Figure 7 Interface Timing in Microcontroller Mode
E1
SCLK
FS
X
DIN
D15
D14
D1
D0
E15
E14
E0
X
X
F15
F14
X
Figure 8 Interface Timing in DSP Mode
The operating mode is selected using pin 17 (MODE).
MODE PIN (17)
INTERFACE MODE
HIGH
Microcontroller
LOW or unconnected
DSP mode
Table 2 Interface Mode Selection
SERIAL CLOCK AND UPDATE RATE
Figure 1 shows the interface timing. The maximum serial clock rate is:
MHz
t
t
f
WL
WH
SCLK
31
1
min
min
max
=
+
=
Since a data word contains 16 bits, the sample rate is limited to
()
MHz
t
t
f
WL
WH
s
95
.
1
16
1
min
min
max
=
+
=
However, the DAC settling time to 10 bits accuracy limits the response time of the analogue output
for large input step transitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com