Electronic Components Datasheet Search
  English  ▼

X  

WM5615 Datasheet(PDF) 2 Page - Wolfson Microelectronics plc

Part # WM5615
Description  10-Bit Digital-to-Analogue Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5615 Datasheet(HTML) 2 Page - Wolfson Microelectronics plc

  WM5615 Datasheet HTML 1Page - Wolfson Microelectronics plc WM5615 Datasheet HTML 2Page - Wolfson Microelectronics plc WM5615 Datasheet HTML 3Page - Wolfson Microelectronics plc WM5615 Datasheet HTML 4Page - Wolfson Microelectronics plc WM5615 Datasheet HTML 5Page - Wolfson Microelectronics plc WM5615 Datasheet HTML 6Page - Wolfson Microelectronics plc WM5615 Datasheet HTML 7Page - Wolfson Microelectronics plc WM5615 Datasheet HTML 8Page - Wolfson Microelectronics plc WM5615 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Wolfson Microelectronics
2
WM5615
DEVICE
TEMP RANGE
PACKAGE
WM5615CD
0oC to +70oC
8 pin SO
WM5615CP
0oC to +70oC
8 pin DIP
WM5615ID
-40oC to +85oC
8 pin SO
WM5615IP
-40oC to +85oC
8 pin DIP
Absolute Maximum Ratings
Supply voltage (VDD to AGND) . . . . . . . . . . . .
7V
Digital input voltage range to AGND . .-0.3V to VDD +0.3V
Ref. input voltage range to AGND . . .-0.3V to VDD + 0.3V
Output voltage at OUT from external source . .VDD + 0.3V
Continuous current, any terminal . . . . . . . .
±20mA
Operating free-air temperature range TA:
WM5615C . . . . . . . . . . . . . . . . . . 0oC to +70oC
WM5615I . . . . . . . . . . . . . . . . . -40oC to +85oC
Storage temperature range Tstg . . . . . -65oC to +150oC
Lead temperature 1.6mm (1/16 inch)
from case for 10 seconds . . . . . . . . . . . . . .260oC
DIN
SCLK
CS
DOUT
VDD
VOUT
REFIN
AGND
1
2
3
4
5
6
7
8
Ordering Information
Pin Configuration
D or P package
Top View
Note:
Stresses beyond those listed under 'Absolute Maximum Ratings' may cause damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under 'Recommended Operating Conditions' is not implied. Exposure to absolute maximum rated conditions for
extended periods may affect device reliability.
Recommended Operating Conditions
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply voltage
VDD
4.5
5
5.5
V
High-level digital input voltage
VIH
2.4
V
Low-level digital input voltage
VIL
0.8
V
Reference voltage to REFIN terminal
Vref
0
2.048
VDD-2
V
Load resistance
RL
2k
Ω
Operating free air temperature
WM5615C
TA
070
oC
WM5615I
TA
-40
85
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com