Electronic Components Datasheet Search
  English  ▼

X  

WM5615CP Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM5615CP
Description  10-Bit Digital-to-Analogue Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5615CP Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM5615CP Datasheet HTML 4Page - Wolfson Microelectronics plc WM5615CP Datasheet HTML 5Page - Wolfson Microelectronics plc WM5615CP Datasheet HTML 6Page - Wolfson Microelectronics plc WM5615CP Datasheet HTML 7Page - Wolfson Microelectronics plc WM5615CP Datasheet HTML 8Page - Wolfson Microelectronics plc WM5615CP Datasheet HTML 9Page - Wolfson Microelectronics plc WM5615CP Datasheet HTML 10Page - Wolfson Microelectronics plc WM5615CP Datasheet HTML 11Page - Wolfson Microelectronics plc WM5615CP Datasheet HTML 12Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Wolfson Microelectronics
9
WM5615
DIN
SCLK
CS
DOUT
SCK
MOSI
I/O
MISO
WM5615
SPI
Port
Figure 2 - Microwire Connection
Figure 3 - SPI/QSPI Connection
Daisy-Chaining Devices
The serial output, DOUT, allows cascading of two or
more DACs. The data at DIN appears at DOUT, delayed
by 16 clock cycles plus one clock width. For low power,
DOUT does not require an external pull-up resistor. DOUT
does not go into a high-impedance state when CS is
high. DOUT changes on SCLK's falling edge when CS is
low. When CS is high, DOUT remains in the state of the
last data bit.
Any number of DACs can be daisy-chained by connect-
ing the DOUT of one device to the DIN of the next device
in the chain.
Linearity, Offset and Gain Error using Single End
Supplies
When an amplifier is operated from a single supply, the
voltage offset can still be either positive or negative. With
a positive offset, the output voltage changes on the first
code change. With a negative offset, the output voltage
may not change with the first code depending on the
magnitude of the offset voltage.
The output amplifier, with a negative voltage offset,
attempts to drive the output to a negative voltage.
However, because the most negative supply rail is
ground, the output cannot drive to a negative voltage. So
when the output offset voltage is negative, the output
voltage remains at zero volts until the input code value
produces a sufficient output voltage to overcome the
inherent negative offset voltage, resulting in the transfer
function shown in figure 4.
Figure 4 - Effect of Negative Offset (Single Supply)
Note: The DOUT-MISI connection is not required for writing to the WM5615, but may be used for verifying data transfer.
DAC Code
Negative
Offset
Output
Voltage
This negative offset, not the linearity error, produces this
breakpoint. The transfer function would have followed
the dotted line if the output buffer could drive to a
negative voltage.
For a DAC, linearity is measured between zero input
code (all inputs 0) after offset and full-scale are adjusted
out or accounted for in some way. However, single
supply operation does not allow for adjustment when
the output is negative due to the breakpoint in the
transfer function. So the linearity is measured between
the full-scale and the lowest code which produces a
positive output voltage. For the WM5615, the zero scale
(offset) is plus or minus 3LSB maximum. The code is
calculated from the maximum specification for the
negative offset.
Detailed Description (Continued)
DIN
CS
DOUT
WM5615
SCLK
SK
SO
I/O
SI
Microwire
Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com