Electronic Components Datasheet Search
  English  ▼

X  

WM5620LCD Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM5620LCD
Description  3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5620LCD Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM5620LCD Datasheet HTML 6Page - Wolfson Microelectronics plc WM5620LCD Datasheet HTML 7Page - Wolfson Microelectronics plc WM5620LCD Datasheet HTML 8Page - Wolfson Microelectronics plc WM5620LCD Datasheet HTML 9Page - Wolfson Microelectronics plc WM5620LCD Datasheet HTML 10Page - Wolfson Microelectronics plc WM5620LCD Datasheet HTML 11Page - Wolfson Microelectronics plc WM5620LCD Datasheet HTML 12Page - Wolfson Microelectronics plc WM5620LCD Datasheet HTML 13Page - Wolfson Microelectronics plc WM5620LCD Datasheet HTML 14Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Wolfson Microelectronics
11
WM5620L, WM5620
Serial Input Decode
Functional Description (Continued)
A1
A0
DAC
0
0
DACA
0
1
DACB
1
0
DACC
1
1
DACD
D7
D6
D5
D4
D3
D2
D1
D0
Output Voltage
0
0
0
0
0
0
0
0
GND
0
0
0
0
0
0
0
1
(1/256) x Ref (1 + RNG)
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
0
1
1
1
1
1
1
1
(127/256) x Ref (1 + RNG)
1
0
0
0
0
0
0
0
(128/256) x Ref (1 + RNG)
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
1
1
1
1
1
1
1
1
(255/256) x Ref (1 + RNG)
Using these inputs individual DACs can be updated using
one 11 bit serial input word and the LOAD pin. Using both
LOAD and LDAC, all or selected DACs can be updated
after an appropriate number of data words have been
inputted. Figures 3 & 4 illustrate operation with the 8 clock
pulses available from some microprocessors. If the data
input is interrupted in this way the clock input must be
held low during the break in clock pulses.
The RNG bit controls the DAC output range. When RNG
= 0 the output is between Vref(A,B,C,D) and GND and
when RNG = 1 the range is between 2 x Vref (A,B,C,D)
and GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com