Electronic Components Datasheet Search
  English  ▼

X  

WM8191 Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8191
Description  14-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8191 Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8191 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Advanced Information
WM8191
WOLFSON MICROELECTRONICS LTD
AI Rev 3.1 April 2001
15
OUTPUT FORMATS
The digital data output from the ADC is available to the user in either 14-bit parallel or 8/7/4-bit wide
multiplexed formats by setting control bits MUXOP[1:0]. Latency of valid output data with respect to
VSMP is programmable by writing to control bits DEL[1:0]. The latency for each mode is shown in the
Operating Mode Timing Diagrams section.
Figure 12 shows the output data formats for Modes 1 – 2 and 4 – 6. Figure 13 shows the output data
formats for Mode 3. Table 1 summarises the output data obtained for each format.
MCLK
4+4+4+2-BIT
OUTPUT
A
AB
D
AB
C
14-BIT PARALLEL
OUTPUT
8+6 AND 7+7-BIT
OUTPUT
MCLK
4+4+4+2-BIT
OUTPUT
A
AB
14-BIT PARALLEL
OUTPUT
8+6 AND 7+7-BIT
OUTPUT
AB
C D
AB
Figure 12 Output Data Formats
(Modes 1
− 2, 4 − 6)
Figure 13 Output Data Formats (Mode 3)
OUTPUT
FORMAT
MUXOP[1:0]
OUTPUT
PINS
OUTPUT
14-bit parallel
00
OP[13:0]
A = d13, d12, d11, d10, d9, d8, d7, d6, d5, d4, d3,
d2, d1, d0
8+6-bit
multiplexed
01
OP[13:6]
A = d13, d12, d11, d10, d9, d8, d7, d6, d5
B = d4, d3, d2, d1, d0, CC, OVRNG
7+7-bit
10
OP[13:6]
A = d13, d12, d11, d10, d9, d8, d7, CC
B = d6, d5, d4, d3, d2, d1, d0, OVRNG
4+4+4+2-bit
(nibble)
11
OP[13:10]
A = d13, d12, d11, d10
B = d9, d8, d7, d6
C = d5, d4, d3, d2
D = d1, d0, CC, OVRNG
Table 1 Details of Output Data Shown in Figure 12 and Figure 13.
FLAGS
The following flags are output during multiplexed modes:
CC can be used in colour modes 1 and 5 to identify the green channel output, from which the blue
and red data can be identified.
INPUT
CC
RINP
0
GINP
1
BINP
0
Table 2 Input Sampled Flags CC[1:0]
OVRNG indicates that the current output data was produced by an input signal that exceeded the
input range limit of the device. 1 = out of range, 0 = within range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com