Electronic Components Datasheet Search
  English  ▼

X  

WM8711 Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8711
Description  Internet Audio DAC with Integrated Headphone Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8711 Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8711 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
WM8711
Product Preview
WOLFSON MICROELECTRONICS LTD
PP Rev 1.2 November 2000
17
CLKOUT can also be divided by 2 under software control, refer to Table 7. Note that if CLKOUT is
not required then the CLKOUT buffer on the WM8711 can be safely powered down to conserve
power (see POWER DOWN section). If the system architect has the choice between using FCLKOUT =
FMCLK or FCLKOUT = FMCLK/2 in the interface, the latter is recommended to conserve power. When the
divide by two is selected CLKOUT changes on the rising edge of MCLK. Please refer to Electrical
Characteristics for timing information.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001000
Sampling
Control
7
CLKODIV2
0
CLKOUT divider select
1 = CLOCKOUT is Core Clock
divides by 2
0 = CLOCKOUT is Core Clock
Table 7 Programming CLKOUT
CLKOUT is disabled and set low whenever the device is in reset.
DIGITAL AUDIO INTERFACES
WM8711 may be operated in either one of the 4 offered audio interface modes. These are:
•
Right justified
•
Left justified
•
I2S
•
DSP mode
All four of these modes are MSB first and operate with data 16 to 32 bits, except in right justified
mode where 32 bit data is not supported.
The digital audio interface receives the digital audio data for the internal DAC digital filters on the
DACDAT input. DACDAT is the formatted digital audio data stream output to the DAC digital filters
with left and right channels multiplexed together. DACLRC is an alignment clock that controls
whether Left or Right channel data is present on DATDAT. DACDAT and DACLRC are synchronous
with the BCLK signal with each data bit transition signified by a BCLK transition. DACDAT is always
an input. BCLK and DACLRC are either outputs or inputs depending whether the device is in master
or slave mode. Refer to the MASTER/SLAVE OPERATION section
There are four digital audio interface formats accommodated by the WM8711. These are shown in
the figures below. Refer to the Electrical Characteristic section for timing information.
Left Justified mode is where the MSB is available on the first rising edge of BCLK following a
DACLRC transition.
LEFT CHANNEL
RIGHT CHANNEL
DACLRC
BCLK
DACDAT
1/fs
n
3
2
1
n-2
n-1
LSB
MSB
n
3
2
1
n-2
n-1
LSB
MSB
Figure 13 Left Justified Mode
I2S mode is where the MSB is available on the 2nd rising edge of BCLK following a LRCLK
transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com