Electronic Components Datasheet Search
  English  ▼

X  

1N5809CBUS Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 1N5809CBUS
Description  SURFACE MOUNT VOIDLESSHERMETICALLY-SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5809CBUS Datasheet(HTML) 2 Page - Microsemi Corporation

  1N5809CBUS Datasheet HTML 1Page - Microsemi Corporation 1N5809CBUS Datasheet HTML 2Page - Microsemi Corporation 1N5809CBUS Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SURFACE MOUNT VOIDLESS-
HERMETICALLY-SEALED ULTRA FAST
RECOVERY GLASS RECTIFIERS
S C O T TS DALE DIVISION
1N5807CBUS thru 1N5811CBUS
SYMBOLS & DEFINITIONS
Symbol
Definition
VBR
Minimum Breakdown Voltage: The minimum voltage the device will exhibit at a specified current.
VRWM
Working Peak Reverse Voltage: The maximum peak voltage that can be applied over the operating
temperature range.
VF
Maximum Forward Voltage: The maximum forward voltage the device will exhibit at a specified current.
IR
Maximum Leakage Current: The maximum leakage current that will flow at the specified voltage and
temperature.
C
Capacitance: The capacitance in pF at a frequency of 1 MHz and specified voltage
trr
Reverse Recovery Time: The time interval between the instant the current passes through zero when
changing from the forward direction to the reverse direction and a specified recovery decay point after a peak
reverse current is reached.
GRAPHS
FIGURE 1
FIGURE 2
TYPICAL FORWARD CURRENT
TYPICAL REVERSE CURRENT vs. VOLTAGE
vs. FORWARD VOLTAGE
FIGURE 3
FORWARD PULSE CURRENT vs. DURATION
Microsemi
Scottsdale Division
Page 2
Copyright
© 2007
7-26-2007
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com