Electronic Components Datasheet Search
  English  ▼

X  

SG1544J Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SG1544J
Description  LOW-VOLTAGE SUPERVISORY CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1544J Datasheet(HTML) 1 Page - Microsemi Corporation

  SG1544J Datasheet HTML 1Page - Microsemi Corporation SG1544J Datasheet HTML 2Page - Microsemi Corporation SG1544J Datasheet HTML 3Page - Microsemi Corporation SG1544J Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev 1.1a 3.19.2005
Microsemi Inc.
Copyright
© 1994
11861 Western Avenue
∞
∞
∞
∞
∞ Garden Grove, CA 92841
1
(714) 898-8121
∞
∞
∞
∞
∞ FAX: (714) 893-2570
LOW-VOLTAGE SUPERVISORY CIRCUIT
FEATURES
••••• Uncommitted comparator inputs for
wide input flexibility
••••• Common-Mode range from zero to near
supply voltage
••••• Reference voltage trimmed to 1%
accuracy
••••• Over-voltage, under-voltage, and current
sensing circuits all included
••••• SCR "Crowbar" drive of 300mA
••••• Programmable time delays
••••• Open-collector outputs and remote
activation capability
••••• Total standby current less than 10mA
HIGH RELIABILITY FEATURES
- SG1544
♦
♦
♦
♦
♦ Available to MIL-STD-883 and DESC
SMD
♦
♦
♦
♦
♦ LMI level "S" processing available
DESCRIPTION
This device was designed to provide all the operational features of the SG1543/
2543/3543 devices but with the added advantage of uncommitted inputs to the
voltage sensing comparators. This allows monitoring of voltage levels less than
2.5 volts by dividing down the internal reference supply.
In all other respects, the SG1544 series is identical to the SG1543 series. These
monolithic devices contain all the functions necessary to monitor and control the
output of a sophisticated power supply system.
Over-voltage sensing with
provision to trigger an external SCR “crowbar” shutdown; an under-voltage circuit
which can be used to monitor either the output or sample the input line voltage;
and a third op amp/comparator usable for current sensing are all included in this
IC, together with an independent, accurate reference generator.
The voltage-sensing input comparators are identical and can be used with
threshold levels from zero volts to (V
IN - 3V).
Each has approximately 25mv of
hysteresis which is offset so the switching differential threshold is zero on the non-
inverting input for rising levels and zero on the inverting input for falling signals.
All other operating characteristics are as described in the SG1543 data sheet and
application note.
BLOCK DIAGRAM
SG1544/SG2544/SG3544


Similar Part No. - SG1544J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1544J MICROSEMI-SG1544J Datasheet
41Kb / 4P
LOW-VOLTAGE SUPERVISORY CIRCUIT
SG1544J/883B MICROSEMI-SG1544J/883B Datasheet
41Kb / 4P
LOW-VOLTAGE SUPERVISORY CIRCUIT
SG1544JDESC MICROSEMI-SG1544JDESC Datasheet
41Kb / 4P
LOW-VOLTAGE SUPERVISORY CIRCUIT
More results

Similar Description - SG1544J

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34160 ONSEMI-MC34160 Datasheet
188Kb / 8P
MICROPROCESSOR VOLTAGE REGULATOR/ SUPERVISORY CIRCUIT
1996 REV 1
logo
Microsemi Corporation
SG1544 MICROSEMI-SG1544 Datasheet
41Kb / 4P
LOW-VOLTAGE SUPERVISORY CIRCUIT
logo
Summit Microelectronics...
SMS44 SUMMIT-SMS44 Datasheet
408Kb / 16P
Highly Programmble Voltage Supervisory Circuit
logo
Analog Devices
ADM6710 AD-ADM6710 Datasheet
184Kb / 8P
Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit
logo
ams AG
AS1923 AMSCO-AS1923 Datasheet
76Kb / 2P
Quad-Voltage Microprocessor Supervisory Circuit
logo
Summit Microelectronics...
SMS24 SUMMIT-SMS24 Datasheet
449Kb / 18P
Highly Programmble Voltage Supervisory Circuit
logo
Analog Devices
ADM6339AARJZ-RL7 AD-ADM6339AARJZ-RL7 Datasheet
203Kb / 12P
Quad Voltage Microprocessor Supervisory Circuit
REV. A
logo
ams AG
AS1923 AMSCO-AS1923_04 Datasheet
864Kb / 17P
Quad-Voltage Microprocessor Supervisory Circuit
logo
Analog Devices
ADM6339 AD-ADM6339 Datasheet
203Kb / 12P
Quad Voltage Microprocessor Supervisory Circuit
10/10-Rev. 0 to Rev. A
ADM8710 AD-ADM8710 Datasheet
250Kb / 12P
Low Voltage, High Accuracy, Quad Voltage Microprocessor Supervisory Circuit
8/12-Revision 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com