Electronic Components Datasheet Search
  English  ▼

X  

WM9701A Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM9701A
Description  Low Power AC97 Multimedia Audio Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9701A Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM9701A Datasheet HTML 11Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 12Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 13Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 14Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 15Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 16Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 17Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 18Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Production Data
WM9701A
WOLFSON MICROELECTRONICS LTD.
PD Rev 3.2 January 2001
15
stream in the audio output frame. At this point in time it is assumed that all sources of audio input
have also been neutralised.
The AC’97 controller should also drive SYNC and SDATA_OUT low after programming WM9701A to
this low power, “halted” mode.
Once WM9701A has been instructed to halt BIT_CLK, a special “wake up” protocol must be used to
bring the AC-link to the active mode since normal audio output and input frames can not be
communicated in the absence of BIT_CLK.
WAKING UP THE AC-LINK
There are 2 methods for bringing the AC-link out of a low power, halted mode. Regardless of the
method, it is the AC’97 controller that performs the wake up task.
AC-link protocol provides for a “Cold WM9701A Reset”, and a “Warm WM9701A Reset”.
The current power down state would ultimately dictate which form of WM9701A reset is appropriate.
Unless a “cold” or “register” reset (a write to the Reset register) is performed, wherein the WM9701A
registers are initialised to their default values, registers are required to keep state during all power
down modes.
Once powered down, re-activation of the AC-link via re-assertion of the SYNC signal must not occur
for a minimum of 4 audio frame times following the frame in which the power down was triggered.
When AC-link powers up it indicates readiness via the Codec Ready bit (input slot 0, bit 15).
COLD WM9701A RESET
A cold reset is achieved by asserting RESETB for the minimum specified time. By driving RESETB
low, BIT_CLK, and SDATA_OUT will be activated, or re-activated as the case may be, and all
WM9701A control registers will be initialised to their default power on reset values.
RESETB is an asynchronous WM9701A input.
WARM WM9701A RESET
A warm WM9701A reset will re-activate the AC-link without altering the current WM9701A register
values. A warm reset is signaled by driving SYNC high for a minimum of 1
µS in the absence of
BIT_CLK.
Within normal audio frames SYNC is a synchronous WM9701A input. However, in the absence of
BIT_CLK, SYNC is treated as an asynchronous input used in the generation of a warm reset to
WM9701A. WM9701A will not respond with the activation of BIT_CLK until SYNC has been sampled
low again by WM9701A. This will preclude the false detection of a new audio frame.
SERIAL INTERFACE REGISTER MAP DESCRIPTION
(See Table 10)
The serial interface bits perform control functions described as follows: The register map is fully
specified by the AC’97 specification, and this description is simply repeated below, with optional
unsupported features omitted.
RESET REGISTER (INDEX 00h)
Writing any value to this register performs a register reset, which causes all registers to revert to
their default values. Reading this register returns the ID code of the part, indication of modem
support (not supported by WM9701A) and a code for the type of 3D Stereo Enhancement (not
supported by WM9701A).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com