Electronic Components Datasheet Search
  English  ▼

X  

SG3731 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # SG3731
Description  DC MOTOR PULSE WIDTH MODULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG3731 Datasheet(HTML) 5 Page - Microsemi Corporation

  SG3731 Datasheet HTML 1Page - Microsemi Corporation SG3731 Datasheet HTML 2Page - Microsemi Corporation SG3731 Datasheet HTML 3Page - Microsemi Corporation SG3731 Datasheet HTML 4Page - Microsemi Corporation SG3731 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SG1731/SG2731/SG3731
Rev 1.3a
Copyright
 1999
11861
Western
Avenue
∞
∞
∞
∞
∞
Garden
Grove,
CA
92841
5
(714) 898-8121
∞
∞
∞
∞
∞
FAX: (714) 893-2570
APPLICATION CIRCUITS
FIGURE 5
FIGURE 6
Bi-directional speed control results when the feedback voltage
transducer is a tachometer.
The two-quadrant transfer function of the SG1731 is ideal for
pulse width modulated audio power amplifiers.
Ambient
Temperature Range
Part No.
Package
Connection Diagram
SG1731J/883B
-55
°C to 125°C
SG1731J
-55
°C to 125°C
SG2731J
-25
°C to 85°C
SG3731J
0
°C to 65°C
16-PIN CERAMIC DIP
J - PACKAGE
SG2731N
-25
°C to 85°C
SG3731N
0
°C to 65°C
16-PIN PLASTIC DIP
N - PACKAGE
CONNECTION DIAGRAMS & ORDERING INFORMATION (See Note Below)
Note 1. All packages are viewed from the top.
Note 2. Contact factory for flatpack and leadless chip carrier availability.
6
8
-V
T
2V
∆-
C
T
ERROR
-V
S
SUBSTRATE
-V
O
OUTPUT B
3
7
INV. INPUT
4
OUTPUT A
N. I. INPUT
+V
O
2V
∆+
SHUTDOWN
+V
T
+V
S
5
2
1
9
16
15
12
13
11
14
10
N Package: RoHS Compliant / Pb-free Transition DC: 0503
N Package: RoHS / Pb-free 100% Matte Tin Lead Finish



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com