Electronic Components Datasheet Search
  English  ▼

X  

SG2644J Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SG2644J
Description  DUAL HIGH SPEED DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG2644J Datasheet(HTML) 2 Page - Microsemi Corporation

  SG2644J Datasheet HTML 1Page - Microsemi Corporation SG2644J Datasheet HTML 2Page - Microsemi Corporation SG2644J Datasheet HTML 3Page - Microsemi Corporation SG2644J Datasheet HTML 4Page - Microsemi Corporation SG2644J Datasheet HTML 5Page - Microsemi Corporation SG2644J Datasheet HTML 6Page - Microsemi Corporation SG2644J Datasheet HTML 7Page - Microsemi Corporation SG2644J Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev 1.2a
Copyright
© 1997
11861 Western Avenue
∞
∞
∞
∞
∞ Garden Grove, CA 92841
2
(714) 898-8121
∞
∞
∞
∞
∞ FAX: (714) 893-2570
SG1644/SG2644/SG3644
ABSOLUTE MAXIMUM RATINGS (Note 1)
Supply Voltage (V
CC) ...........................................................
Logic Input Voltage ...............................................................
Source/Sink Output Current (Each Output)
Continuous ...................................................................
Pulse, 500ns ................................................................
22V
7V
±0.5A
±3.0A
Operating Junction Temperature
Hermetic (J, T, Y, R-Packages) ....................................
Plastic (M, DW, L-Packages) ......................................
Storage Temperature Range ............................
Lead Temperature (Soldering, 10 Seconds) ..................
150
°C
150
°C
-65
°C to 150°C
300
°C
Note 1. Exceeding these ratings could cause damage to the device. All voltages are with respect to ground. All currents are positive into the
specified terminal.
THERMAL DATA
J Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
30°C/W
Thermal Resistance-Junction to Ambient,
θ
JA ............... 80°C/W
Y Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
50°C/W
Thermal Resistance-Junction to Ambient,
θ
JA ............. 130°C/W
M Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
60°C/W
Thermal Resistance-Junction to Ambient,
θ
JA ..............
95°C/W
DW Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
40°C/W
Thermal Resistance-Junction to Ambient,
θ
JA ............... 95°C/W
T Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
25°C/W
Thermal Resistance-Junction to Ambient,
θ
JA ............
130°C/W
R Package:
Thermal Resistance-Junction to Case,
θ
JC .................
5.0°C/W
Thermal Resistance-Junction to Ambient,
θ
JA ..............
40°C/W
L Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
35°C/W
Thermal Resistance-Junction to Ambient,
θ
JA ............
120°C/W
Note A.
Junction Temperature Calculation: T
J = TA + (PD x θJA).
Note B. The above numbers for
θ
JC are maximums for the limiting thermal
resistance of the package in a standard mounting configuration.
The
θ
JA numbers are meant to be guidelines for the thermal
performance of the device/pc-board system. All of the above
assume no ambient airflow.
V
IN = 2.4V
V
IN = 5.5V
V
IN = 0V
I
IN = -10mA
I
OUT = -200mA
I
OUT = 200mA
V
IN = 0V (both inputs)
V
IN = 2.4V (both inputs)
Logic 1 Input Voltage
Logic 0 Input Voltage
Input High Current
Input High Current
Input Low Current
Input Clamp Voltage
Output High Voltage (Note 4)
Output Low Voltage (Note 4)
Supply Current Outputs Low
Supply Current Outputs High
0.7
500
1.0
-4
-1.5
1.0
27
12
V
V
µA
mA
mA
V
V
V
mA
mA
2.0
V
CC-3
18
7.5
-55
°C to 125°C
-25
°C to 85°C
0
°C to 70°C
Supply Voltage (V
CC) ..................................
Frequency Range ...............................................
Peak Pulse Current ............................................................
Logic Input Voltage .................................................
4.5V to 20V (Note 3)
DC to 1.5MHz
±3A
-0.5 to 5.5V
Operating Ambient Temperature Range (T
A)
SG1644 .........................................................
SG2644 ...........................................................
SG3644 ...............................................................
Note 2. Range over which the device is functional.
Note 3. AC performance has been optimized for V
CC
= 8V to 20V.
RECOMMENDED OPERATING CONDITIONS (Note 2)
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specfiications apply over the operating ambient temperatures for SG1644 with -55
°C ≤ T
A ≤
125
°C, SG2644 with -25°C
≤ T
A ≤ 85°C, SG3644 with 0°C ≤ TA ≤ 70°C, and VCC = 20V.
Low duty cycle pulse testing techniques are used which maintains junction and case
temperatures equal to the ambient temperature.)
Test Conditions
Parameter
Static Characteristics
Units
SG1644/2644/3644
Min.
Typ. Max.
Note 4. V
CC
= 10V to 20V.
RoHS Peak Package Solder Reflow Temp. (40 sec. max. exp.).... 260°C (+0, -5)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com