Electronic Components Datasheet Search
  English  ▼

X  

SG1846L/DESC Datasheet(PDF) 4 Page - Microsemi Corporation

Part # SG1846L/DESC
Description  CURRENT MODE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1846L/DESC Datasheet(HTML) 4 Page - Microsemi Corporation

  SG1846L/DESC Datasheet HTML 1Page - Microsemi Corporation SG1846L/DESC Datasheet HTML 2Page - Microsemi Corporation SG1846L/DESC Datasheet HTML 3Page - Microsemi Corporation SG1846L/DESC Datasheet HTML 4Page - Microsemi Corporation SG1846L/DESC Datasheet HTML 5Page - Microsemi Corporation SG1846L/DESC Datasheet HTML 6Page - Microsemi Corporation SG1846L/DESC Datasheet HTML 7Page - Microsemi Corporation SG1846L/DESC Datasheet HTML 8Page - Microsemi Corporation SG1846L/DESC Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SG1846
Rev 1.1a
Copyright
© 1994
11861 Western Avenue
∞
∞
∞
∞
∞ Garden Grove, CA 92841
4
(714) 898-8121
∞
∞
∞
∞
∞ FAX: (714) 893-2570
ELECTRICAL CHARACTERISTICS (continued)
Max. Min. Typ. Max.
Typ.
SG3846
Parameter
Test Conditions
Units
SG1846
SG2846
7.7
0.75
8.0
7.7
0.75
8.0
V
V
Note 4. These parameters although guaranteed over the recommended
operating conditions, are not tested in production.
Note 5. Parameter measured at trip point of latch with V
PIN 5 = VREF ,
V
PIN 6 = 0V.
Note 6. Amplifier gain defined as : G =
; V
PIN 4
= 0V to 1.0V
Note 7. Current into Pin 1 guaranteed to latch circuit in shutdown state.
Note 8. Current into Pin 1 guaranteed not to latch circuit in shutdown
state.
Note 9. R
T = 10K Ω, CT = 4.7nF
Min.
CHARACTERISTIC CURVES
FIGURE 1.
REFERENCE VOLTAGE VS. TEMPERATURE
FIGURE 2.
V
REF SHORT CIRCUIT CURRENT VS. TEMPERATURE
FIGURE 3.
CURRENT SENSE THRESHOLD
VS. ERROR AMPLIFIER OUTPUT
FIGURE 4.
CURRENT SENSE GAIN VS. TEMPERATURE
FIGURE 5.
OSCILLATOR VALLEY VOLTAGE VS. TEMPERATURE
FIGURE 6.
OSCILLATOR PEAK VOLTAGE VS. TEMPERATURE
Under-Voltage Lockout Section
Start-Up Threshold
Threshold Hysteresis
Total Standby Current
Supply Current
17
21
17
21
mA
∆ V
PIN 7
∆ V
PIN 4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com