Electronic Components Datasheet Search
  English  ▼

X  

TAN150 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # TAN150
Description  150 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TAN150 Datasheet(HTML) 1 Page - Microsemi Corporation

  TAN150 Datasheet HTML 1Page - Microsemi Corporation TAN150 Datasheet HTML 2Page - Microsemi Corporation TAN150 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MICROSEMI. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. MICROSEMI RECOMMENDS THAT BEFORE THE PRODUCT(S) DESCRIBED HEREIN ARE
WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS, THAT THE PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
Microsemi: 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
TAN150
150 Watts, 50 Volts, Pulsed
Avionics 960 - 1215 MHz
GENERAL DESCRIPTION
The TAN150 is a high powered COMMON BASE bipolar transistor.
It is
designed for pulsed systems in the frequency band 960-1215 MHz. The device
has gold thin-film metallization and diffused ballasting for proven highest
MTTF.
The transistor includes input and output prematch for broadband
capability.
Low thermal resistance package reduces junction temperature,
extends life.
CASE OUTLINE
55AT, Style 1
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation
Device Dissipation @25
°C
583 W
Maximum Voltage and Current
Collector to Base Voltage (BVces)
55 V
Emitter to Base Voltage (BVebo)
3.5 V
Collector Current (Ic)
15.0 A
Maximum Temperatures
Storage Temperature
-65 to +150
°C
Operating Junction Temperature
+200
°C
ELECTRICAL CHARACTERISTICS @ 25
°C
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Power Out
F
= 960-1215 MHz
150
W
Pin
Power Input
Vcc = 50 Volts
30
W
Pg
Power Gain
PW = 20
µsec
7.0
dB
η
c
Collector Efficiency
DF =
5%
38
%
VSWR
Load Mismatch Tolerance
F = 1090 MHz
10:1
FUNCTIONAL CHARACTERISTICS @ 25
°C
BVebo
Emitter to Base Breakdown
Ie = 10 mA
3.5
V
BVces
Collector to Emitter Breakdown
Ic = 50 mA
55
V
hFE
DC – Current Gain
Vce = 5V, Ic = 1 A
10
θjc1
Thermal Resistance
0.3
°C/W
NOTE 1: At rated output power and pulse conditions
.
Rev A: Updated June 2009


Similar Part No. - TAN150

ManufacturerPart #DatasheetDescription
logo
GHz Technology
TAN150 GHZTECH-TAN150 Datasheet
168Kb / 2P
150 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
More results

Similar Description - TAN150

ManufacturerPart #DatasheetDescription
logo
GHz Technology
TAN150 GHZTECH-TAN150 Datasheet
168Kb / 2P
150 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
logo
List of Unclassifed Man...
TAN350 ETC-TAN350 Datasheet
117Kb / 3P
350 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
JTDA50 ETC1-JTDA50 Datasheet
25Kb / 1P
50 Watts, 36 Volts, Pulsed Avionics 960 - 1215 MHz
TAN300 ETC1-TAN300 Datasheet
240Kb / 3P
300 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
logo
GHz Technology
0912-25 GHZTECH-0912-25 Datasheet
299Kb / 3P
25 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
0912-45 GHZTECH-0912-45 Datasheet
287Kb / 3P
45 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
TAN75A GHZTECH-TAN75A Datasheet
273Kb / 3P
75 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
0912-7 GHZTECH-0912-7 Datasheet
332Kb / 3P
7 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
logo
Microsemi Corporation
TAN75A MICROSEMI-TAN75A Datasheet
540Kb / 4P
75 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
TAN250A MICROSEMI-TAN250A Datasheet
601Kb / 4P
250 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com