Electronic Components Datasheet Search
  English  ▼

X  

2W10 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # 2W10
Description  2.0A BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

2W10 Datasheet(HTML) 1 Page - Won-Top Electronics

  2W10 Datasheet HTML 1Page - Won-Top Electronics 2W10 Datasheet HTML 2Page - Won-Top Electronics 2W10 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2W005 – 2W10
1 of 3
© 2002 Won-Top Electronics
2W005 – 2W10
2.0A BRIDGE RECTIFIER
Features
!
Diffused Junction
!
Low Forward Voltage Drop
A
!
High Current Capability
!
High Reliability
!
High Surge Current Capability
B
!
Ideal for Printed Circuit Boards
+
~
~
-
!
UL Recognized File # E157705
C
D
Mechanical Data
!
Case: Molded Plastic
E
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
~
!
Polarity: As Marked on Body
!
Weight: 1.3 grams (approx.)
-
!
Mounting Position: Any
+
!
Marking: Type Number
G
G
~
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
2W005
2W01
2W02
2W04
2W06
2W08
2W10
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 50°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
50
A
Forward Voltage (per element)
@IF = 2.0A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
10
500
µA
Operating Temperature Range
Tj
-55 to +125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case.
WT E
PO W E R SEM IC O ND UC TO R S
RB-20
Dim
Min
Max
A
9.10
9.40
B
6.90
7.40
C
27.9
—
D
25.4
—
E
0.71
0.81
G
4.60
5.60
All Dimensions in mm


Similar Part No. - 2W10

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
2W10 JGD-2W10 Datasheet
178Kb / 2P
SINGLE PHASE 2.0 AMP SILICON BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
2W10 SSE-2W10 Datasheet
15Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Bytes
2W10 BYTES-2W10 Datasheet
145Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Shanghai Lunsure Electr...
2W10 CHENYI-2W10 Datasheet
137Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
logo
EIC discrete Semiconduc...
2W10 EIC-2W10 Datasheet
40Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - 2W10

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ2A WTE-KBJ2A Datasheet
48Kb / 3P
2.0A BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBP201 ZSELEC-KBP201 Datasheet
338Kb / 2P
2.0A BRIDGE RECTIFIER
KBP2005 ZSELEC-KBP2005 Datasheet
338Kb / 2P
2.0A BRIDGE RECTIFIER
UR2KB05 ZSELEC-UR2KB05 Datasheet
116Kb / 2P
2.0A BRIDGE RECTIFIER
2RS101M ZSELEC-2RS101M Datasheet
94Kb / 2P
2.0A BRIDGE RECTIFIER
2W05 ZSELEC-2W05 Datasheet
163Kb / 2P
2.0A BRIDGE RECTIFIER
D2KB05 ZSELEC-D2KB05 Datasheet
117Kb / 2P
2.0A BRIDGE RECTIFIER
D2SB05 ZSELEC-D2SB05 Datasheet
84Kb / 2P
2.0A BRIDGE RECTIFIER
UR2KB05 ZSELEC-UR2KB05_V01 Datasheet
104Kb / 2P
2.0A BRIDGE RECTIFIER
2RS101M ZSELEC-2RS101M_V01 Datasheet
85Kb / 2P
2.0A BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com