Electronic Components Datasheet Search
  English  ▼

X  

BD9302FP Datasheet(PDF) 9 Page - Rohm

Part # BD9302FP
Description  2-output High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9302FP Datasheet(HTML) 9 Page - Rohm

Back Button BD9302FP Datasheet HTML 5Page - Rohm BD9302FP Datasheet HTML 6Page - Rohm BD9302FP Datasheet HTML 7Page - Rohm BD9302FP Datasheet HTML 8Page - Rohm BD9302FP Datasheet HTML 9Page - Rohm BD9302FP Datasheet HTML 10Page - Rohm BD9302FP Datasheet HTML 11Page - Rohm BD9302FP Datasheet HTML 12Page - Rohm BD9302FP Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9/16
External component setting procedure
(1) Setting of output L constant
The coil L used for output is determined according to the rated current ILR and the maximum load current value IOMAX
of the coil.
Adjust so that (IOMAX + DIL) will not conflict with the rating. At this time, DIL can be obtained according to the formula
shown below.
Furthermore, since the coil L value may also vary by approximately ±30%, set this value with an adequate margin. If the
coil current IL exceeds the rated coil current ILR, the internal IC element may be damaged. It is recommended to make
setting of coil value in the range of 4.7 μF to 100 μF.
(2) Setting of output Co constant
For output capacitor, select the allowable ripple voltage VPP or the allowable drop voltage at a sharp change of load,
whichever larger for the capacitor. The output ripple voltage can be obtained according to the formula shown below.
Design the component so that this constant will fall within the allowable ripple voltage.
Furthermore, estimate the drop voltage VDR at a sharp change of load according to the formula shown below.
However, 10 μsec will be the estimated value of the DC/DC converter response speed.
Make setting of capacitance with thorough consideration given to the margin so that these two values will fall into the
specified values. It is recommended to make setting of the capacitance in the range of 10 μF to 100 μF. if a short circuit
occurs, an inverse current passes through the parasitic diode to cause damage to the internal circuits. To prevent that,
insert a backflow prevention diode.
Step-down
DIL =
[A] . . . (1.1)
¥ (VCC – VO) ¥¥
VO
VCC
1
f
1
L
,where f: Switching frequency
,where f: Switching frequency
Step-down
DVPP = DIL
[V]
¥ RESR +
¥
VO
VCC
¥
DIL
2CO
1
f
VDR =
[V]
¥ 10μsec
DI
CO
ILR
Average IOMAX current
Adjust so that (IOMAX +
DIL) will
not conflict with the rating.
t
IL
Fig.22
Fig.23
L
CO
IL
VO
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com