Electronic Components Datasheet Search
  English  ▼

X  

BH1710FVC Datasheet(PDF) 13 Page - Rohm

Part # BH1710FVC
Description  Digital 16bit Serial Output Type Ambient Light Sensor IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH1710FVC Datasheet(HTML) 13 Page - Rohm

Back Button BH1710FVC Datasheet HTML 8Page - Rohm BH1710FVC Datasheet HTML 9Page - Rohm BH1710FVC Datasheet HTML 10Page - Rohm BH1710FVC Datasheet HTML 11Page - Rohm BH1710FVC Datasheet HTML 12Page - Rohm BH1710FVC Datasheet HTML 13Page - Rohm BH1710FVC Datasheet HTML 14Page - Rohm BH1710FVC Datasheet HTML 15Page - Rohm BH1710FVC Datasheet HTML 16Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
BH1710FVC
Technical Note
13/15
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
WSOF6 ( Unit : mm )
Lot No.
Production
code
●
Package Outlines
●
About an optical design on the device
0.8 mm
1.3 mm
PD area ( 0.25 mm x 0.3 mm )
Please design the optical window so that
light can cover at least this area.
Min.0.4 mm
Min.0.4 mm
Min.0.4 mm
Min.0.4 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com