Electronic Components Datasheet Search
  English  ▼

X  

BAL99 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # BAL99
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

BAL99 Datasheet(HTML) 1 Page - Won-Top Electronics

  BAL99 Datasheet HTML 1Page - Won-Top Electronics BAL99 Datasheet HTML 2Page - Won-Top Electronics BAL99 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAL99
1 of 3
© 2002 Won-Top Electronics
BAL99
SURFACE MOUNT FAST SWITCHING DIODE
Features
!
High Conductance
L
!
Fast Switching
A
!
Surface Mount Package Ideally Suited for
Automatic Insertion
!
For General Purpose and Switching
B
C
!
Plastic Material – UL Recognition Flammability
Classification 94V-O
M
                 
E
D
H
Mechanical Data
!
Case: SOT-23, Molded Plastic
K
!
Terminals: Plated Leads Solderable per
J
MIL-STD-202, Method 208
G
!
Polarity: See Diagram
!
Weight: 0.008 grams (approx.)
!
Mounting Position: Any
!
Marking: JF
TOP VIEW
Maximum Ratings @T
A=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
Forward Continuous Current (Note 1)
IF
300
mA
Average Rectified Output Current (Note 1)
IO
150
mA
Peak Forward Surge Current (Note 1)
@ t < 1.0µs
IFSM
2.0
A
Power Dissipation (Note 1)
Pd
350
mW
Typical Thermal Resistance, Junction to Ambient Air (Note 1)
RJA
357
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Forward Voltage
VF
—
—
0.855
1.0
V
@ IF = 10mA
@ IF = 50mA
Reverse Leakage Current
IR
—2.5
µA
@ VR = 75V
Junction Capacitance
Cj
—2.0
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
—6.0
nS
IF = IR = 10mA,
IRR = 0.1 x IR, RL = 100

Note: 1. Device mounted on fiberglass substrate 40 x 40 x 1.5mm.
WTE
POWER SEMICONDUCTORS
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.19
1.40
C
2.10
2.50
D
0.89
1.05
E
0.45
0.61
G
1.78
2.05
H
2.65
3.05
J
0.013
0.15
K
0.89
1.10
L
0.45
0.61
M
0.076
0.178
All Dimensions in mm
TOP VIEW


Similar Part No. - BAL99

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAL99 PANJIT-BAL99 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAL99 PHILIPS-BAL99 Datasheet
55Kb / 12P
High-speed diode
1999 May 26
logo
Vishay Siliconix
BAL99 VISHAY-BAL99 Datasheet
51Kb / 4P
Surface Mount Switching Diode
01-Apr-99
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
BAL99 ZOWIE-BAL99 Datasheet
54Kb / 3P
SWITCHING DIODE
More results

Similar Description - BAL99

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com