Electronic Components Datasheet Search
  English  ▼

X  

ARS35G Datasheet(PDF) 1 Page - Won-Top Electronics

Part # ARS35G
Description  35A AUTOMOTIVE BUTTON DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

ARS35G Datasheet(HTML) 1 Page - Won-Top Electronics

  ARS35G Datasheet HTML 1Page - Won-Top Electronics ARS35G Datasheet HTML 2Page - Won-Top Electronics ARS35G Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AR/S35A – AR/S35M
1 of 3
© 2002 Won-Top Electronics
AR/S35A – AR/S35M
35A AUTOMOTIVE BUTTON DIODE
Features
!
Diffused Junction
!
Low Leakage
B
!
Low Cost
C
!
High Surge Current Capability
!
Low Cost Construction Utilizing Void-Free
Molded Plastic Technique
Mechanical Data
A
D
!
Case: Molded Plastic
!
Terminals: Plated Terminals Solderable per
MIL-STD-202, Method 208
!
Polarity:Color Ring Denotes Cathode End
!
Weight: 1.8 grams (approx.)
!
Mounting Position: Any
!
Marking: Color Band
S Suffix Designates ARS Package
No Suffix Designates AR Package
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
AR/S
35A
AR/S
35B
AR/S
35D
AR/S
35G
AR/S
35J
AR/S
35K
AR/S
35M
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TC = 150°C
IO
35
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method) at TJ = 150°C
IFSM
500
A
Forward Voltage
@IF = 35A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
250
µA
Reverse Recovery Time (Note 1)
trr
3.0
µS
Typical Junction Capacitance (Note 2)
Cj
300
pF
Typical Thermal Resistance Junction to Case
(Note 3)
RJC
1.0
K/W
Operating and Storage Temperature Range
TJ, TSTG
-50 to +175
°C
Polarity and Voltage Denotation Color Band
Red
Yellow
Silver
Orange Green
Blue
Violet
*Glass passivated forms are available upon request
Note: 1. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
3. Thermal Resistance: Junction to case, single side cooled.
WT E
PO W E R SEM IC O ND UC TO R S
AR
ARS
Dim
Min
Max
Min
Max
A
9.70
10.40
8.30
8.90
B
5.50
5.70
5.50
5.70
C
6.0
6.40
6.0
6.40
D
4.2
4.7
4.2
4.7
All Dimensions in mm


Similar Part No. - ARS35G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ARS35G TSC-ARS35G Datasheet
73Kb / 2P
35.0 AMPS. High Current Plastic Silicon Rectifiers
logo
Won-Top Electronics
ARS35G WTE-ARS35G Datasheet
68Kb / 3P
35A AUTOMOTIVE BUTTON DIODE
logo
Taiwan Semiconductor Co...
ARS35G TSC-ARS35G Datasheet
289Kb / 2P
35.0 AMPS. High Current Button Rectifiers
ARS35G TSC-ARS35G Datasheet
563Kb / 2P
35.0 AMPS. High Current Button Rectifiers
ARS35G TSC-ARS35G Datasheet
364Kb / 4P
High Current Button Rectifiers
More results

Similar Description - ARS35G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
AR35A WTE-AR35A_06 Datasheet
68Kb / 3P
35A AUTOMOTIVE BUTTON DIODE
C35A WTE-C35A_06 Datasheet
42Kb / 2P
35A AUTOMOTIVE CELL DIODE
C35A WTE-C35A_14 Datasheet
31Kb / 2P
35A AUTOMOTIVE CELL DIODE
logo
Nanjing International G...
ARS35G DGNJDZ-ARS35G Datasheet
3Mb / 3P
35A AUTOMOTIVE BUTTON DIODE
ARS35 DGNJDZ-ARS35 Datasheet
55Kb / 3P
35A AUTOMOTIVE BUTTON DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com